Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1146
Description  TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1146 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 22Page - Texas Instruments TUSB1146 Datasheet HTML 23Page - Texas Instruments TUSB1146 Datasheet HTML 24Page - Texas Instruments TUSB1146 Datasheet HTML 25Page - Texas Instruments TUSB1146 Datasheet HTML 26Page - Texas Instruments TUSB1146 Datasheet HTML 27Page - Texas Instruments TUSB1146 Datasheet HTML 28Page - Texas Instruments TUSB1146 Datasheet HTML 29Page - Texas Instruments TUSB1146 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
6.4.2 Device Configuration In I2C Mode
The TUSB1146-Q1 is in I2C mode when I2C_EN is not equal to “0” or when I2C_EN = "F" and EQ0 = "0" and
EQ1 = "0". The same configurations defined in GPIO mode are also available in I2C mode. The TUSB1146-Q1
USB3.2 and DisplayPort configuration is controlled based on Table 6-5. The AUXp or AUXn to SBU1 or SBU2
mapping control is based on Table 6-6.
Table 6-5. I2C Configuration Control
REGISTERS
TUSB1146-Q1 CONFIGURATION
VESA DisplayPort ALT MODE
DFP_D CONFIGURATION
CTLSEL1
CTLSEL0
FLIPSEL
0
0
0
Power Down
—
0
0
1
Power Down
—
0
1
0
One Port USB 3.2 - No Flip
—
0
1
1
One Port USB 3.2 – With Flip
—
1
0
0
4 Lane DP - No Flip
C and E
1
0
1
4 Lane DP – With Flip
C and E
1
1
0
One Port USB 3.2 + 2 Lane DP- No Flip
D
1
1
1
One Port USB 3.2 + 2 Lane DP– With Flip
D
Table 6-6. I2C AUXp or AUXn to SBU1 or SBU2 Mapping
REGISTERS
MAPPING
AUX_SBU_OVR
1
AUX_SBU_OVR0
CTLSEL1
FLIPSEL
0
0
1
0
AUXp → SBU1
AUXn → SBU2
0
0
1
1
AUXp → SBU2
AUXn → SBU1
0
0
0
X
Open
0
1
X
X
AUXp → SBU1
AUXn → SBU2
1
0
X
X
AUXp → SBU2
AUXn → SBU1
1
1
X
X
Open
6.4.3 DisplayPort Mode
The TUSB1146-Q1 supports up to four DisplayPort lanes at datarates up to 10Gbps. TUSB1146-Q1 can be
enabled for DisplayPort through GPIO control or through I2C register control. When I2C_EN is ‘0’, DisplayPort is
controlled based on Table 6-2. When not in GPIO mode, enable of DisplayPort functionality is controlled through
I2C registers.
TUSB1146-Q1
SLLSFZ7 – FEBRUARY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1146-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com