Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1146
Description  TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1146 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 61Page - Texas Instruments TUSB1146 Datasheet HTML 62Page - Texas Instruments TUSB1146 Datasheet HTML 63Page - Texas Instruments TUSB1146 Datasheet HTML 64Page - Texas Instruments TUSB1146 Datasheet HTML 65Page - Texas Instruments TUSB1146 Datasheet HTML 66Page - Texas Instruments TUSB1146 Datasheet HTML 67Page - Texas Instruments TUSB1146 Datasheet HTML 68Page - Texas Instruments TUSB1146 Datasheet HTML 69Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4225901/A 05/2020
www.ti.com
VQFN - 1 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
RGF0040F
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
5.1
4.9
7.1
6.9
1 MAX
0.05
0.00
C
SEATING PLANE
3.7±0.1
3.5
5.5
36X 0.5
5.7±0.1
40X 0.5
0.3
40X 0.3
0.2
1
12
13
20
21
32
33
40
41
PIN 1 INDEX AREA
(0.2) TYP
(0.16)
0.100 MIN
(0.130)
SECTION A-A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com