Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1146
Description  TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1146 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 35Page - Texas Instruments TUSB1146 Datasheet HTML 36Page - Texas Instruments TUSB1146 Datasheet HTML 37Page - Texas Instruments TUSB1146 Datasheet HTML 38Page - Texas Instruments TUSB1146 Datasheet HTML 39Page - Texas Instruments TUSB1146 Datasheet HTML 40Page - Texas Instruments TUSB1146 Datasheet HTML 41Page - Texas Instruments TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
Table 7-6. DP23EQ_SEL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3-0
DP2EQ_SEL
RH/W
0x0
Field selects EQ for DP lane 2 pins. When EQ_OVERRIDE =
0b, this field reflects the sampled state of DPEQ[1:0] pins. When
EQ_OVERRIDE = 1b, software can change the EQ setting for DP
Lane 2 based on value written to this field.
7.1.5 DisplayPort_1 Register (Offset = 0x12) [reset = 0x0]
DisplayPort_1 is shown in Table 7-7.
Return to the Summary Table.
This register provides status of AUX snooping when AUX Snooping is enabled.
Table 7-7. DisplayPort_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0x0
Reserved
6-5
SET_POWER_STATE
RH
0x0
This field represents the snooped value of the AUX write to
DPCD address 0x00600. When AUX_SNOOP_DISABLE = 0b, the
enable/disable of DP lanes based on the snooped value. When
AUX_SNOOP_DISABLE = 1b, then DP lane enable/disable are
determined by state of DPx_DISABLE registers, where x = 0, 1, 2, or
3. This field is reset to 0h by hardware when CTLSEL1 changes from
a 1b to a 0b.
4-0
LANE_COUNT_SET
RH
0x0
This field represents the snooped value of AUX write to DPCD
address 0x00101 register. When AUX_SNOOP_DISABLE = 0b, DP
lanes enabled specified by the snoop value. Unused DP lanes are
disabled to save power. When AUX_SNOOP_DISABLE = 1b, then
DP lanes enable/disable are determined by DPx_DISABLE registers,
where x = 0, 1, 2, or 3. This field is reset to 0h by hardware when
CTLSEL1 changes from a 1b to a 0b.
7.1.6 DisplayPort_2 Register (Offset = 0x13) [reset = 0x0]
DisplayPort_2 is shown in Table 7-8.
Return to the Summary Table.
This register provides controls for enabling and disabling AUX snooping and individual DP lanes.
Table 7-8. DisplayPort_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
AUX_SNOOP_DISABLE
R/W
0x0
Controls whether DP lanes are enabled based on AUX snooped
value or registers.
0x0 = AUX snoop enabled.
0x1 = AUX snoop disabled. DP lanes are controlled by registers.
6
RESERVED
R
0x0
Reserved
www.ti.com
TUSB1146-Q1
SLLSFZ7 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TUSB1146-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com