Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2450
Description  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2450 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2450 Datasheet HTML 7Page - Analog Devices LTC2450 Datasheet HTML 8Page - Analog Devices LTC2450 Datasheet HTML 9Page - Analog Devices LTC2450 Datasheet HTML 10Page - Analog Devices LTC2450 Datasheet HTML 11Page - Analog Devices LTC2450 Datasheet HTML 12Page - Analog Devices LTC2450 Datasheet HTML 13Page - Analog Devices LTC2450 Datasheet HTML 14Page - Analog Devices LTC2450 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTC2945
11
Rev. C
For more information www.analog.com
2945 F01
C2
0.1µF
VIN
4V TO 80V
RSNS
0.02
VOUT
VADIN
R1
2k
R2
2k
R3
2k
3.3V
VDD
SCL
SDA
INT
GND
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
GND
SENSE–
LTC2945
µP
Figure 1. Monitoring High Side Current and Voltages
Using the LTC2945
The LTC2945 offers a compact and complete solution for
high- and low-side power monitoring. With an input com-
mon mode range of 0V to 80V and a wide input supply
operating voltage range from 2.7V to 80V, this device is
ideal for a large variety of power management applications
including automotive, industrial and telecom infrastruc-
ture. The basic application circuit shown in Figure 1 pro-
vides monitoring of high side current with a 0.02Ω resis-
tor (5.12A full-scale), input voltage (102.4V full-scale)
and an external voltage (2.048V full-scale), all using an
internal 12-bit resolution ADC.
Data Converter
The LTC2945 features an onboard, 12-bit Δ∑ ADC that inher-
ently averages input noise over the measurement window.
The ADC continuously monitors three voltages in sequence:
ΔSENSE first, VDD or VSENSE+ second, and VADIN third.
The differential voltage between SENSE+ and SENSE– is
monitored with 25μV resolution (102.4mV full-scale) to
allow accurate measurement across very low value shunt
resistors. The supply voltage at VDD or SENSE+ is directly
APPLICATIONS INFORMATION
measured with 25mV resolution (102.4V full-scale). The
voltage at the uncommitted ADIN pin is measured with
0.5mV resolution (2.048V full-scale) to allow monitoring
of an arbitrary external voltage. A 12-bit digital word corre-
sponding to each measured voltage is stored in two adjacent
registers out of the six total ADC data registers (ΔSENSE
MSB/LSB, VIN MSB/LSB, and ADIN MSB/LSB), with the
OPERATION
The LTC2945 accurately monitors current, voltage, and
power of any supply rail from 0V to 80V. An internal linear
regulator allows the LTC2945 to operate directly from a
4V to 80V rail, or from an external supply voltage between
2.7V and 5.9V. Quiescent current is less than 0.9mA in
normal operation. Enabling shutdown mode via the I2C
interface reduces the quiescent current to below 80μA.
The LTC2945 includes a shunt regulator for operation
from supply voltages above 80V.
The onboard 12-bit analog-to-digital converter (ADC) runs
either continuously or on-demand using snapshot mode.
In the default continuous scan mode, the ADC repeatedly
measures the differential voltage between SENSE+ and
SENSE– (full-scale 102.4mV) the voltage at the SENSE+
or VDD pin (full-scale 102.4V), and the voltage at the ADIN
pin (full-scale 2.048V). The conversion results are stored
in onboard registers.
In snapshot mode, the LTC2945 performs a single mea-
surement of one selected voltage or current. Snapshot
mode is enabled by setting the snapshot mode enable bit
in the CONTROL register via the I2C interface. A status bit
in the CONTROL register monitors the ADC’s conversion;
when complete, the conversion result is stored in the cor-
responding data registers.
Onboard logic tracks the minimum and maximum values for
each ADC measurement, calculates power data by digitally
multiplying the stored current and voltage data, and triggers a
user-configurable alert by pulling the ALERT pin low when the
ADC measured value falls outside the programmed window
thresholds. All logic outputs are stored in onboard registers.
The LTC2945 includes an I2C interface to access the onboard
data registers and to program the alert threshold and control
registers. Two three-state pins, ADR1 and ADR0, are decoded
to allow nine device addresses (see Table 1). The SDA pin is
split into SDAI (input) and SDAO (output, LTC2945) or SDAO
(output, LTC2945-1) to facilitate opto-isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com