Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC2450
Description  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2450 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC2450 Datasheet HTML 16Page - Analog Devices LTC2450 Datasheet HTML 17Page - Analog Devices LTC2450 Datasheet HTML 18Page - Analog Devices LTC2450 Datasheet HTML 19Page - Analog Devices LTC2450 Datasheet HTML 20Page - Analog Devices LTC2450 Datasheet HTML 21Page - Analog Devices LTC2450 Datasheet HTML 22Page - Analog Devices LTC2450 Datasheet HTML 23Page - Analog Devices LTC2450 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTC2945
20
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
VIN
48V
1/2 ACPL-064L*
1/2 ACPL-064L*
* CMOS OUTPUT
ISO_SDA
C1
1µF
C2
1µF
R5
2k
VDD
INTVCC
LTC2945-1
SDAO
SDAI
GND
VCC
VCC
GND
GND
BS170
M1
R6
2k
R7
2k
2945 F18
3.3V
GND
SDA
µP
VDD
Figure 17. Opto-Isolation of a 1.5kHz I2C Interface Between LTC2945-1 and Microcontroller (SCL Omitted for Clarity)
Figure 18. Opto-Isolation of I2C Interface with Low Power, High Speed Opto-Couplers (SCL Omitted for Clarity)
LTC2945-1
SDAI
SDAO
GND
3.3V
GND
SDA
µP
1/2 MOCD207M
1/2 MOCD207M
48V
R4
20k
R5
7.5k
R6
0.51k
R7
10k
VDD
2945 F17
Figure 19. Recommended Layout for Kelvin Connection
10
9
6
7
8
4
5
11
3
2
1
12
VIN
RSNS
TO
LOAD
2945 F19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com