Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC2450
Description  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2450 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC2450 Datasheet HTML 8Page - Analog Devices LTC2450 Datasheet HTML 9Page - Analog Devices LTC2450 Datasheet HTML 10Page - Analog Devices LTC2450 Datasheet HTML 11Page - Analog Devices LTC2450 Datasheet HTML 12Page - Analog Devices LTC2450 Datasheet HTML 13Page - Analog Devices LTC2450 Datasheet HTML 14Page - Analog Devices LTC2450 Datasheet HTML 15Page - Analog Devices LTC2450 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LTC2945
12
Rev. C
For more information www.analog.com
Figure 2b. The SENSE pins can be biased independent of
the part’s supply voltage. Alternatively, if a low voltage sup-
ply is present it can be connected to the INTVCC pin as
shown in Figure 2c to minimize on-chip power dissipation.
When INTVCCis powered from a secondary supply, connect
VDD to INTVCC.
For supply voltages above 80V, the shunt regulator at
INTVCC can be used in both high and low side configura-
tions to provide power to the LTC2945 through an external
shunt resistor, RSHUNT. Figure 3a shows a high side power
monitor with an input monitoring range beyond 80V in a
high side shunt regulator configuration. The device ground
is separated from ground through RSHUNT and clamped at
6.3V below the input supply. Note that due to the different
ground levels, the I2C signals from the part need to be level
shifted for communication with other ground referenced
components. The bus voltage can be measured with the
ADIN pin as shown in Figure 3a. To mitigate the effect of
VBE mismatch in the PNP mirror, select R1 (=R2) to drop 1V
at the operating voltage. For details on the power calcula-
tion, refer to the Power Calculation and Configuration sec-
tion. Figure 3b shows a high side rail-to-rail power monitor
which derives power from a greater than 80V secondary
supply. The voltage at INTVCC is clamped at 6.3V above
ground in a low side shunt regulator configuration to power
the part. In low side power monitors, the device ground
and the current sense inputs are connected to the nega-
tive terminal of the input supply and the ADIN pin can be
used to measure the bus voltage with an external resistive
divider as shown in Figure 3c. The low side shunt regulator
configuration allows operation with input supplies above
80V by clamping the voltage at INTVCC. RSHUNT should be
sized according Equation 1.
VS(MAX) – 5.9V
35mA
≤ RSHUNT ≤
VS(MIN) – 6.7V
1mA
+ ILOAD(MAX)
(1)
where VS(MAX) and VS(MIN) are the operating maximum
and minimum of the supply. ILOAD(MAX) is the maximum
external current load that is connected to the shunt regu-
lator. The shunt resistor must also be rated to safely dis-
sipate the worst-case power. As an example, consider the
–48V Telecom System where the supply operates from
–36V to –72V and the shunt regulator is used to supply
an external load up to 4mA. RSHUNT needs to be between
APPLICATIONS INFORMATION
eight MSBs in the first register and the four LSBs in the
second (see Table 2). The lowest 4 bits in the LSB registers
are set to 0. These data registers are updated immediately
following the corresponding ADC conversion, giving an
effective refresh rate of 7.5Hz in continuous scan mode.
The data converter also features a snapshot mode which
makes a measurement of a single selected voltage (either
ΔSENSE, VDD or VSENSE+, or VADIN). To make a snap-
shot measurement, set CONTROL register bit A7 and
write the two-bit code of the desired ADC channel to A6
and A5 (Table 3) using a Write Byte command. When the
Write Byte command is completed, the ADC converts the
selected voltage and the Busy Bit (A3 in the CONTROL
register) will be set to indicate that the conversion is in
progress. After completing the conversion, the ADC will
halt and the Busy Bit will reset to indicate that the data is
ready. To make another snapshot measurement, rewrite
the CONTROL register.
Flexible Power Supply to LTC2945
The LTC2945 can be externally configured to flexibly
derive power from a wide range of supplies. The LTC2945
includes an onboard linear regulator to power the low-
voltage internal circuitry connected to the INTVCC pin from
high VDD voltages. The regulator operates with VDD volt-
ages from 4V to 80V, and produces a 5V output capable of
supplying 10mA at the INTVCC pin when VDD is greater than
7V. The regulator is disabled when die temperature rises
above 150°C, and the output is protected against accidental
shorts. Bypass capacitors between 0.1μF and 1μF at both
the VDD and INTVCC pins are recommended for optimal
transient performance. Note that operation with high VDD
voltages can cause significant power dissipation, and care
is required to ensure the operating junction temperature
stays below 125°C. For improved power dissipation, use
the QFN package and solder the exposed pad to a large
copper region for improved thermal resistance.
Figure 2a shows the LTC2945 being used to monitor an
input supply that ranges from 4V to 80V. No secondary
supply is needed since VDD can be connected directly to
the input supply. If the LTC2945 is used to monitor an input
supply of 0V to 80V, it can derive power from a wide range
secondary supply connected to the VDD pin as shown in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com