Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC2450
Description  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2450 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC2450 Datasheet HTML 19Page - Analog Devices LTC2450 Datasheet HTML 20Page - Analog Devices LTC2450 Datasheet HTML 21Page - Analog Devices LTC2450 Datasheet HTML 22Page - Analog Devices LTC2450 Datasheet HTML 23Page - Analog Devices LTC2450 Datasheet HTML 24Page - Analog Devices LTC2450 Datasheet HTML 25Page - Analog Devices LTC2450 Datasheet HTML 26Page - Analog Devices LTC2450 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTC2945
23
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Table 3. CONTROL Register A (00h) – Read/Write
BIT
NAME
OPERATION
A7
ADC Snapshot Mode Enable
Enables ADC Snapshot Mode; 1 = Snapshot Mode Enabled. Only channel selected by A6 and A5 is
measured by the ADC. After the conversion, the BUSY bit is reset and the ADC is halted.
0 = Snapshot Mode Disabled (Continuous Scan Mode. Default)
A6
ADC Channel Label for Snapshot Mode ADC Channel Label for Snapshot Mode
A6
A5
ADC Channel
0
0
ΔSENSE (Default)
0
1
VIN
1
0
ADIN
A5
A4
Test Mode Enable
Test Mode Halts ADC Operation and Enables Writes to Internal ADC/LOGIC Registers;
1 = Enable Test Mode, 0 = Disable Test Mode (Default)
A3
ADC Busy in Snapshot Mode
ADC Current Status; 1 = ADC Converting, 0 = ADC Conversion Completed (Default), Not Writable
A2
VIN Monitor
Enables VDD or SENSE+ Voltage Monitoring; 1 = Monitor SENSE+ Voltage (Default),
0 = Monitor VDD Voltage
A1
Shutdown Enable
Enables Low-IQ / Shutdown Mode; 1 = Enable Shutdown, 0 = Normal Operation (Default)
A0
Multiplier Select
Selects ADIN or SENSE+/VDD (depends on A2) data for digital multiplication with SENSE data;
1 = Select SENSE+/VDD (Default), 0 = Select ADIN
Table 4. ALERT Register B (01h) – Read/Write
BIT
NAME
OPERATION
B7
Maximum POWER Alert
Enables Alert When POWER Calculation Data is > Maximum Power Threshold;
1 = Enable Alert,
0 = Disable Alert (Default)
B6
Minimum POWER Alert
Enables Alert When POWER Calculation Data is < Minimum Power Threshold;
1 = Enable Alert,
0 = Disable Alert (Default)
B5
Maximum ΔSENSE Alert
Enables Alert When ADC ΔSENSE Measurement Data is > Maximum ΔSENSE Threshold;
1 = Enable Alert,
0 = Disable Alert (Default)
B4
Minimum ΔSENSE Alert
Enables Alert When ADC ΔSENSE Measurement Data is < Minimum ΔSENSE Threshold;
1 = Enable Alert,
0 = Disable Alert (Default)
B3
Maximum VIN Alert
Enables Alert When ADC VIN Measurement Data is > Maximum VIN Threshold;
1 = Enable Alert,
0 = Disable Alert (Default)
B2
Minimum VIN Alert
Enables Alert When ADC VIN Measurement Data is < Minimum VIN Threshold;
1 = Enable Alert,
0 = Disable Alert (Default)
B1
Maximum ADIN Alert
Enables Alert When ADC ADIN Measurement Data is > Maximum ADIN Threshold;
1 = Enable Alert,
0 = Disable Alert (Default)
B0
Minimum ADIN Alert
Enables Alert When ADC ADIN Measurement Data is < Minimum ADIN Threshold;
1 = Enable Alert,
0 = Disable Alert (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com