Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC2450
Description  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2450 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC2450 Datasheet HTML 22Page - Analog Devices LTC2450 Datasheet HTML 23Page - Analog Devices LTC2450 Datasheet HTML 24Page - Analog Devices LTC2450 Datasheet HTML 25Page - Analog Devices LTC2450 Datasheet HTML 26Page - Analog Devices LTC2450 Datasheet HTML 27Page - Analog Devices LTC2450 Datasheet HTML 28Page - Analog Devices LTC2450 Datasheet HTML 29Page - Analog Devices LTC2450 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LTC2945
26
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
A Wide Range Supply Monitor
2945 TA02
2.7V TO 5.9V
C2
0.1µF
VIN
0V TO 80V
RSNS
0.02
VOUT
VADIN
R1
2k
R2
2k
R3
2k
3.3V
VDD
SCL
SDA
INT
GND
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
GND
SENSE–
LTC2945
µP
2945 TA03
VIN
4V TO 80V
C2
0.1µF
RSNS
0.02
VOUT
VADIN
R1
2k
R2
2k
R3
2k
3.3V
VDD
SCL
SDA
INT
GND
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
GND
SENSE–
LTC2945
µP
Wide Range Supply Monitor with Wide Range VDD Input
Dual Supply Monitor with Common Opto-Coupler for Galvanic Isolation
VADIN1
VADIN2
VIN1
24V
VCC1
VCC2
VCC2
VCC1
VIN2
48V
RSNS1
0.02
RSNS2
0.02
R4
10k
R5
10k
R6
1k
R7
1k
R8
0.51k
R9
0.51k
R10
10k
R11
10k
R12
10k
VOUT1
VOUT2
C1
1µF
C2
0.1µF
C3
1µF
C4
0.1µF
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
SENSE–
LTC2945
HCPL063L
HCPL063L
3.3V
SCL
SDA
VDD
INT GND
µP
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
GND
GND
SENSE–
LTC2945
2945 TA04
VCC
VCC
3.3V
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com