Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC2450
Description  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2450 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC2450 Datasheet HTML 24Page - Analog Devices LTC2450 Datasheet HTML 25Page - Analog Devices LTC2450 Datasheet HTML 26Page - Analog Devices LTC2450 Datasheet HTML 27Page - Analog Devices LTC2450 Datasheet HTML 28Page - Analog Devices LTC2450 Datasheet HTML 29Page - Analog Devices LTC2450 Datasheet HTML 30Page - Analog Devices LTC2450 Datasheet HTML 31Page - Analog Devices LTC2450 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LTC2945
28
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
Power Monitoring in –48V System Using External Linear Regulator to Supply Opto-Couplers and SCL/SDA Resistive Pull-Ups
Wide Range Dual Supply Monitor with Single LTC2945
VCC
GND
C1
1µF
PS9817-2
CONTROL REGISTER A2 = 0
VEE
PS9817-2
2945 TA07
ADR0
ADIN
ADR1
SCL
VDD
INTVCC
VEE
SDAI
SDAO
ALERT
SENSE–
GND
SENSE+
LTC2945
LT3010-5
VCC
GND
–48V
RTN
VEE
–48V INPUT
R7
0.5k
R3
0.51k
R4
1k
VOUT
R8
0.51k
R9
1k
R10
1k
R11
10k
5V
5V
RSNS
0.02
VDD
GND
µP
SCL
SDA
INT
R1
1k
R2
10k
IN
SHDN
OUT
SENSE
GND
C3
0.1µF
C2
1µF
* SELECT RSHUNT ACCORDING TO THE EQUATION IN THE “FLEXIBLE POWER SUPPLY TO LTC2945” SECTION.
** VOLTAGE DATA HAS AN OFFSET VALUE DUE TO D1’S DROP, IF DESIRABLE THIS CAN BE COMPENSATED THROUGH SOFTWARE.
RADIN
20k
2945 TA08
RSNS
0.02
C3
0.1µF
C2
0.1µF
ADR0
ADR1
VDD
INTVCC
SDAI
SCL
SDAO
ALERT
ADIN
SENSE+
GND
SENSE–
LTC2945
LTC6102
RIN2
1k
RSHUNT*
D2
BAT54
D1
BAT54
RIN1
1k
C1
0.1µF
RSNS1
0.02
V+
V–
VREG
–INF –INS
OUT
+IN
SUPPLY B
4.5V TO 80V
SUPPLY A
4.5V TO 80V
I2C
INTERFACE
TO
LOAD
SUPPLY A
SENSE+
∆SENSE INTERNALLY GENERATED
USE EXTERNAL µP TO MULTIPLY VOLTAGE (VDD)
AND CURRENT (ADIN) DATA
ADIN
VDD**
1
VOLTAGE
DATA
CURRENT
DATA
POWER
DATA
CONTROL REG
A2
0
SUPPLY B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com