Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC2450
Description  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2450 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC2450 Datasheet HTML 25Page - Analog Devices LTC2450 Datasheet HTML 26Page - Analog Devices LTC2450 Datasheet HTML 27Page - Analog Devices LTC2450 Datasheet HTML 28Page - Analog Devices LTC2450 Datasheet HTML 29Page - Analog Devices LTC2450 Datasheet HTML 30Page - Analog Devices LTC2450 Datasheet HTML 31Page - Analog Devices LTC2450 Datasheet HTML 32Page - Analog Devices LTC2450 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LTC2945
29
Rev. C
For more information www.analog.com
Ruggedized 4V to 70V High Side Power Monitor with Surge Protection Up to 200V
Isolated Wide Range I2C Power Monitor
TYPICAL APPLICATIONS
VCC
GND
C1
0.1µF
HCPL-063L
FGND
HCPL-063L
2945 TA09
ADR1
ADR0
ADIN
SCL
VDD
VIN
VOUT
INTVCC
SDAI
SDAO
ALERT
SENSE+
GND
SENSE–
LTC2945
VCC
GND
R7
0.51k
R3
0.51k
R12
100
R4
1k
FGND
FGND
C2
1µF
R8
0.51k
R9
1k
R10
1k
R11
10k
3.3V
3.3V
RSNS
0.02
VDD
GND
µP
SCL
SDA
INT
T1
SMAJ70A
DIODES, INC
Q1
PZTA42
R1
1k
R5
1
M1
BSP149
R2
1k
2945 TA09a
1µF
3.3V
10k
10k
VIN
0V TO 80V
VOUT
RSNS
0.02
VADIN
VCC
VL
ON
GND
DI1
SDA
SCL
DNC
DO2
DO1
GND
VDD
INTVCC
ADR0
ADR1
ADIN
ALERT
SDAO
SDAI
SCL
SENSE+
GND
SCL2
SDA2
O1
AV–
AV+
V–
V+
AVCC2
VCC2
I2
DNC
I1
GND2
SENSE–
LTC2945
LTM2883-3I
SCL
INT
SDA
VCC
GND
µP
C2
0.1µF
R2
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com