Electronic Components Datasheet Search
  English  ▼

X  

EM78452 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78452
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78452 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
EM78452
8-Bit Microcontroller
Product Specification (V1.0) 10.18.2007
• 17
(This specification is subject to change without further notice)
PDRD
Q
Q
CLK
D
P
R
C
L
PCW R
PDW R
Q
Q
CLK
D
P
R
C
L
0
1
M
U
X
IOD
ROC
VCC
W eakly
Pull-up
PORT
Rex*
*The Rex is 560K ohm external resistor
PCRD
Fig. 4-6(b) The Circuit of I/O Port with R-option (P80, P81)
5.5 Serial Peripheral Interface Mode
5.5.1 Overview & Features
Overview:
Figures 4-7, 4-8, and 4-9 shows how the EM78452 communicates with other devices
through SPI module. If EM78452 is a master controller, it sends clock through the SCK
pin. A couple of 8-bit data are transmitted and received at the same time. However, if
EM78452 is defined as a slave, its SCK pin could be programmed as an input pin. Data
will continue to be shifted based on both the clock rate and the selected edge. In Slave
mode when code option bit 7 (SPIHSK) is set to 0, the P91 (HSK) pin will be set to high
after SPI enable and SSE bit set to 1. You can also set SPIS bit 7(DORD) to decide the
SPI transmission order, SPIC bit3 (SDOC) to control SDO pin after serial data output
status and SPIS bit 6 (TD1), bit 5 (TD0) decides the SDO status output delay times.
Those three functions mentioned can work however; it must be based on code option
bit5 (SDOS) set to 0.
Features:
Operation in either Master mode or Slave mode
Three-wire or four-wire synchronous communication; that is, full duplex
Programmable baud rates of communication
Programming clock polarity, (RD bit7)
Interrupt flag available for the read buffer full
SPI transmission order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com