Electronic Components Datasheet Search
  English  ▼

X  

EM78452 Datasheet(PDF) 48 Page - ELAN Microelectronics Corp

Part # EM78452
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452 Datasheet(HTML) 48 Page - ELAN Microelectronics Corp

Back Button EM78452 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 52Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
EM78452
8-Bit Microcontroller
44
•
Product Specification (V1.0) 10.18.2007
(This specification is subject to change without further notice)
5.12 Timing Diagrams
RESET Timing (CLK="0")
CLK
/RESET
NOP
Instruction 1
Executed
Tdrh
TCC Input Timing (CLKS="0")
CLK
TCC
Ttcc
Tins
AC Testing : Input is driven at 2.4V for logic "1",and 0.4V for logic "0".Timing measurements are
made at 2.0V for logic "1",and 0.8V for logic "0".
AC Test Input/Output W aveform
2.4
0.4
2.0
0.8
TEST POINTS
2.0
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com