Electronic Components Datasheet Search
  English  ▼

X  

EM78452 Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78452
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452 Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78452 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
EM78452
8-Bit Microcontroller
Product Specification (V1.0) 10.18.2007
• 45
(This specification is subject to change without further notice)
6
Absolute Maximum Rating
Items
Rating
Temperature under bias
0
°C
to
70
°C
Storage temperature
-65
°C
to
150
°C
Input voltage
-0.3V
to
+6.0V
Output voltage
-0.3V
to
+6.0V
Operating Frequency (2clk)
DC
to
20MHz
7
Electrical Characteristics
7.1 DC Characteristic
Ta=25
°C, VDD=5V±5%, VSS=0V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Crystal VDD to 1.8V
DC
−
4
Crystal VDD to 3.3V
DC
−
16
FXT
Crystal VDD to 5V
Two clocks
DC
−
20
MHz
IIL
Input Leakage Current
VIN = VDD, VSS
−
−
±1
μA
VIH1
Input High Voltage VDD=5V)
−
2.0
−
−
V
VIL1
Input Low Voltage (VDD=5V)
−
−
−
0.8
V
VIHX1
Clock Input High Voltage
(VDD=5V)
OSCI
2.5
−
−
V
VILX1
Clock Input Low Voltage
(VDD=5V)
OSCI
−
−
1.0
V
VIHT1
Input high threshold voltage
(Schmitt trigger)
P70/RESET pin
2.0
−
−
V
VILT1
Input low threshold voltage
(Schmitt trigger)
P70/RESET pin
−
−
0.8
V
VIH2
Input High Voltage (VDD=3V)
−
1.5
−
−
V
VIL2
Input Low Voltage (VDD=3V)
−
−
−
0.4
V
VIHX2
Clock Input High Voltage
(VDD=3V)
OSCI
1.5
−
−
V
VILX2
Clock Input Low Voltage
(VDD=3V)
OSCI
−
−
0.6
V
VOH1
Output High Voltage
(Ports 5, 6, 8, P74~P77,
P90~P92, P95~P97,)
IOH = -12.0mA
2.4
−
−
V
S7=1 (IOCD Register Bit 7),
IOH = -9.0mA
2
2.4
−
VOH2
Output High Voltage
(P70~P72)
S7=0 (IOCD Register Bit 7),
IOH = -12.0mA
2.4
−
−
V
VOH3
Output High Voltage
(P93/SDO, P94/SCK)
IOH = -12.0mA
2.4
−
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com