Electronic Components Datasheet Search
  English  ▼

X  

EM78452 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78452
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78452 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
EM78452
8-Bit Microcontroller
8
•
Product Specification (V1.0) 10.18.2007
(This specification is subject to change without further notice)
5.1.8 RA (SPIRB: SPI Read Buffer)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
0X0A
SPIRB/RA
SRB7
SRB6
SRB5
SRB4
SRB3
SRB2
SRB1
SRB7~SRB0 are the 8-bit data when transmission is completed by SPI.
5.1.9 RB (SPIWB: SPI Write Buffer)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0B
SPIWB/RB SWB7
SWB6
SWB5
SWB4
SWB3
SWB2
SWB1 SWB0
SWB7~SWB0 are the 8-bit data that are waiting for transmission by SPI.
5.1.10 RC (SPIS: SPI Status Register)
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0C
SPIS/RC
DORD
TD1
TD0
TM1IF
OD3
OD4
RBF
Bit 7 (DORD): Data transmission order.
0 : Shift left (MSB first)
1 : Shift right (LSB first)
Bit 6~Bit 5: SDO Status output Delay times Options
TD1
TD0
Delay Time
0
0
8 CLK
0
1
16 CLK
1
0
24 CLK
1
1
32 CLK
Bit 4 (T1ROS): Timer 1 Read Out Buffer Select Bit
0 : Read Value from Timer 1 Preset Register
1 : Read Value from Timer 1 Counter Register
Bit 3 (OD3):
Open-Drain Control bit
0 : Open-drain disable for SDO
1 : Open-drain enable for SDO
Bit 2 (OD4):
Open-Drain Control bit
0 : Open-drain disable for SCK
1 : Open-drain enable for SCK
Bit 1:
not used, read as “0”
Bit 0 (RBF): Read Buffer Full flag
0 : Receiving not completed, and SPIRB has not fully exchanged.
1 : Receiving completed; SPIRB is fully exchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com