Electronic Components Datasheet Search
  English  ▼

X  

EM78452 Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM78452
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452 Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM78452 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
EM78452
8-Bit Microcontroller
Product Specification (V1.0) 10.18.2007
• 1
(This specification is subject to change without further notice)
1
General Description
The EM78452 is an 8-bit microprocessor designed and developed with low-power, high-speed CMOS
technology. It has 4K
×13-bit on-chip ROM and 140×8-bit on-chip general purpose registers. Its operational
kernel is implemented with RISC-like architecture and it is available in mask ROM version. The one time
programmable (OTP) version is flexible, in both mass production and engineering test stages.
OTP
provides users with unlimited volume along with favorable price opportunities. This device is equipped with
Serial Peripheral Interface (SPI) function, and it is suitable for wired communication.
There are 58
easy-to-learn instructions and the user’s program can be emulated with the EMC In-Circuit Emulator (ICE).
2
Features
CPU configuration
•
4K
×13 bits on-chip ROM
•
140
×8 bits on chip general purpose registers
•
11 special function registers
•
5-level stacks for subroutine nesting
Low power consumption:
•
Less than 3 mA at 5V/4MHz
•
Typically 10
μA during sleep mode
I/O port configuration
•
5 bidirectional I/O ports (35 I/O pins)
•
12 Wake-up pins
•
32 programmable pull-high input pins
•
2 open-drain I/O pins
•
2 R-option pins
Operating voltage range: 1.8V ~ 5.5V
Operating temperature range: 0°C ~70°C
Operating frequency range (base on two clocks):
•
Crystal mode:
DC ~ 20MHz @ 5V
DC ~ 16MHz @ 2.2V
DC ~ 4MHz @ 1.8V
Serial Peripheral Interface (SPI)
Four available interrupts:
•
External interrupt (/INT)
•
SPI transmission completed interrupt
•
TCC overflow interrupt
•
Timer 1 overflow interrupt
Peripheral configuration
•
8-bit real time clock/counter (TCC) with overflow
interrupt
•
Power down mode
•
I/O ports have Programmable wake-up function
from sleep mode
2 ~ 4 machine clocks for each instruction cycle
3 LED Direct sinking pins with internal serial resistors
Built-in power-on reset
Programmable free running on-chip watchdog timer
Package Type:
•
40-pin DIP 600mil
:
EM78452P
•
40-pin SOP 450mil
:
EM78452WM
•
44-pin QFP
:
EM78452AQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com