Electronic Components Datasheet Search
  English  ▼

X  

EM78452 Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78452
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452 Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78452 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
EM78452
8-Bit Microcontroller
32
•
Product Specification (V1.0) 10.18.2007
(This specification is subject to change without further notice)
5.7 Reset and Wake-up
A reset is initiated by
(1) Power-on reset, or
(2) /RESET pin input “low”, or
(3) WDT timeout. (if enabled)
WDTE
Setup
Time
WDT
WDT timeout
Power-
on Reset
Voltage
Detector
Oscillator
VDD
DQ
CLK
CLR
CLK
Reset
Fig. 5-15 Block Diagram of Reset
The EM78452 POR voltage range is between 1.2V~2.0V. Under customer application,
when power is OFF, the Vdd must drop below 1.2V and remains OFF for 10
μs before
power can be switched ON again. This way, the EM78452 will reset and work normally.
The extra external reset circuit will work well if Vdd can rise at very fast speed (50 ms or
less). However, in most cases where critical applications are involved, extra devices
are required to assist in solving the power-up problem.
The device is kept in a RESET condition for a period of approx. 18ms
2 (one oscillator
start-up timer period) after the reset is detected and Fig. 5-15 is the block diagram of
reset. Once the RESET occurs, the following functions are performed.
The oscillator is running, or will be started.
The Program Counter (R2) is set to all "1".
When power is switched on, Bits 5~6 of R3 and the upper 2 bits of R4 are cleared.
All I/O port pins are configured as input mode (high-impedance state).
The Watchdog timer and prescaler are cleared.
2 Vdd = 5V, set up time period = 16.20ms ± 30%
Vdd = 3V, set up time period = 18.0ms ±30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com