Electronic Components Datasheet Search
  English  ▼

X  

EM78452 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78452
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78452 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78452 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
EM78452
8-Bit Microcontroller
Product Specification (V1.0) 10.18.2007
• 3
(This specification is subject to change without further notice)
4
Pin Description
Symbol
Pin No.
Type
Function Description
P50~P57
11~18
I/O
8-bit bidirectional general-purpose I/O port. All of its pins can be
pulled-high individually by software.
P60~P67
27~34
I/O
8-bit bidirectional general-purpose I/O port. All of its pins can be
pulled-high by software, and pin-change wake-up pins.
P70~P72
37~35
I/O
LED direct-driving pins with internal serial resistor used as
output and is software defined.
P80~P87
19~26
I/O
8-bit bidirectional general-purpose I/O port. All of its pins can be
pulled-high by software. P80 and P81 are also used as R-option
pins.
P90~P95
5~10
I/O
6-bit bidirectional general-purpose I/O port. All of its pins can be
pulled-high by software. P90 and P91 are pin-change wake-up
pins.
P70/
RESET
37
I/O
LED direct-driving pin with internal serial resistor used as output
and is software defined.
Code option Bit 3 (REN): reset enable
REN=0
→ for reset pin
REN=1
→ for general purpose I/O (P70)
Internal pull high resistor 220K
Ω
R-OSCI
39
I
Crystal input
OSCO
40
O
Crystal output
CLK
4
I/O
By connecting P74 and P76 together, P74 can be pulled-high
by software and it is also a pin-change wake-up pin.
P76 can be defined as an open-drain output.
DATA
3
I/O
By connecting P75 and P77 together, P75 can be pulled-high
by software and it is also a pin-change wake-up pin.
P77 can be defined as an open-drain output.
VDD
38
−
Power supply pin
VSS
1
−
Ground pin
/INT
2
I
Interrupt Schmitt trigger pin.
The interrupt function is triggerred at a falling edge.
Users can enable it by software.
SRDY
6
I/O
Slave Ready pin for SPI
SDI
7
I/O
Serial data in for SPI
SDO
8
I/O
Serial data out for SPI
SCK
9
I/O
Serial clock for SPI
/SS
10
I/O
/Slave select for SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com