Electronic Components Datasheet Search
  English  ▼

X  

ATA6560 Datasheet(PDF) 4 Page - Microchip Technology

Part # ATA6560
Description  High-Speed CAN Transceiver with Standby Mode CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6560 Datasheet(HTML) 4 Page - Microchip Technology

  ATA6560 Datasheet HTML 1Page - Microchip Technology ATA6560 Datasheet HTML 2Page - Microchip Technology ATA6560 Datasheet HTML 3Page - Microchip Technology ATA6560 Datasheet HTML 4Page - Microchip Technology ATA6560 Datasheet HTML 5Page - Microchip Technology ATA6560 Datasheet HTML 6Page - Microchip Technology ATA6560 Datasheet HTML 7Page - Microchip Technology ATA6560 Datasheet HTML 8Page - Microchip Technology ATA6560 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ATA6560/1
DS20005991A-page 4
 2018 Microchip Technology Inc.
1.0
FUNCTIONAL DESCRIPTION
The ATA6560/1 is a stand-alone, high-speed CAN
transceiver, compliant with the ISO 11898-2 and
ISO 11898-5 standards. It provides a very low current
consumption in Standby mode and wake-up capability
via the CAN bus. There are two versions available, only
differing in the function of pin 5:
• ATA6560: Pin 5 is the control input for Silent mode
NSIL, allowing the ATA6560 to only receive data
and not send data via the bus. The output driver
stage is disabled. The VIO line and the VCC line
are internally connected; this sets the signal levels
of the TXD, RXD, STBY, and NSIL pins to levels
compatible with 5V microcontrollers.
• ATA6561: Pin 5 is the VIO pin and should be
connected to the microcontroller supply voltage.
This allows direct interfacing to microcontrollers
with supply voltages down to 3V and adjusts the
signal levels of the TXD, RXD, and STBY pins to
the I/O levels of the microcontroller. The I/O ports
are supplied by the VIO pin.
1.1
Operating Modes
The ATA6561 supports three operating modes: Unpow-
ered, Standby, and Normal. The ATA6560 has an addi-
tional Silent mode. These modes can be selected via
the STBY and NSIL pin. See Figure 1-1 and Table 1-1
for a description of the operating modes.
FIGURE 1-1:
Operating Modes.
TABLE 1-1:
OPERATING MODES
Mode
Inputs
Outputs
STBY
NSIL
TXD
CAN Driver
RXD
Unpowered
X(3)
X(3)
X(3)
Recessive
Recessive
Standby
HIGH
X(3)
X(3)
Recessive
Active(4)
Silent (only for ATA6560)
LOW
LOW
X(3)
Recessive
Active(1)
Normal
LOW
HIGH(2)
LOW
Dominant
LOW
LOW
HIGH(2)
HIGH
Recessive
HIGH
Note 1: LOW if the CAN bus is dominant, and HIGH if the CAN bus is recessive.
2: Internally pulled up if not bonded out.
3: Irrelevant.
4: Reflects the bus only for wake-up.
VCC < Vuvd(VCC)
VCC < Vuvd(VCC)
STBY = 1
STBY = 1
STBY = 0 and
NSIL = 1 and
STBY = 0 and
(NSIL = 0 or
TXD = 0)
STBY = 0 and
TXD = 0
NSIL = 1 and
TXD = 1 and
Error = 0
NSIL = 0 or
Error = 1
TXD = 1 and
Error = 0
VCC > Vuvd(VCC)
VCC < Vuvd(VCC)
Unpowered
Mode
Standby
Mode
Silent
Mode
Normal
Mode
VCC < Vuvd(VCC) or
STBY = 1
STBY = 0 and
TXD = 1 and
Error = 0 and
TXD = 1
Error = 1
Error = 0
VCC < Vuvd(VCC) or
VIO < Vuvd(VIO)
VIO < Vuvd(VIO)
VCC < Vuvd(VCC) or
VCC > Vuvd(VCC) and
VIO < Vuvd(VIO)
VIO > Vuvd(VIO)
Unpowered
Mode
Standby
Mode
Silent
Mode
Normal
Mode
ATA6560
ATA6561
STBY = 1
Note 1: The Silent mode is externally not accessible.
2: For the ATA6561, NSIL is internally set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com