Electronic Components Datasheet Search
  English  ▼

X  

ATA6560 Datasheet(PDF) 12 Page - Microchip Technology

Part # ATA6560
Description  High-Speed CAN Transceiver with Standby Mode CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6560 Datasheet(HTML) 12 Page - Microchip Technology

Back Button ATA6560 Datasheet HTML 8Page - Microchip Technology ATA6560 Datasheet HTML 9Page - Microchip Technology ATA6560 Datasheet HTML 10Page - Microchip Technology ATA6560 Datasheet HTML 11Page - Microchip Technology ATA6560 Datasheet HTML 12Page - Microchip Technology ATA6560 Datasheet HTML 13Page - Microchip Technology ATA6560 Datasheet HTML 14Page - Microchip Technology ATA6560 Datasheet HTML 15Page - Microchip Technology ATA6560 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ATA6560/1
DS20005991A-page 12
 2018 Microchip Technology Inc.
Differential Receiver Threshold
Voltage
Vth(RX)dif
0.5
0.7
0.9
V
Normal and Silent
modes (HSC),
Vcm(CAN) =–27V to
+27V
0.4
0.7
1
V
Standby mode (WUC),
Vcm(CAN) =–27V to
+27V (Note 1)
Differential Receiver Hystere-
sis Voltage (HSC)
Vhys(RX)dif
50
120
200
mV
Normal and Silent
modes (HSC),
Vcm(CAN) =–27V to
+27V (Note 1)
Dominant Output Current
IIO(dom)
–100
—
–35
mA
VTXD =0V,
t<tto(dom)TXD,
VVCC =5V
pin CANH, VCANH =0V
35
—
100
mA
VTXD =0V,
t<tto(dom)TXD,
VVCC =5V
pin CANL,
VCANL =5V/40V
Recessive Output Current
IIO(rec)
–5
—
+5
mA
Normal and Silent
modes,
VTXD =VVIO, no load,
VCANH =VCANL = –27V
to +32V
Leakage Current
IIO(rec)
–5
0
+5
µA
VVCC =VVIO =0V,
VCANH =VCANL =5V
Input Resistance
Ri
915
28
kΩ
Input Resistance Deviation
ΔRi
–1
0
+1
%
Between VCANH and
VCANL
Differential Input Resistance
Ri(dif)
19
30
56
kΩ
Ri(dif)
20
30
56
kΩ
TvJ < +125°C
Common-Mode Input
Capacitance
Ci(cm)
—
—
20
pF
Note 3
Differential Input Capacitance
Ci(dif)
—
—
10
pF
Note 3
Transceiver Timing, Pins CANH, CANL, TXD, and RXD, see Figure 2-1 and Figure 2-2
Delay Time from TXD to Bus
Dominant
td(TXD-busdom)
40
—
130
ns
Normal mode (Note 2)
Delay Time from TXD to Bus
Recessive
td(TXD-busrec)
40
—
130
ns
Normal mode (Note 2)
Delay Time from Bus Dominant
to RXD
td(busdom-RXD)
20
—
100
ns
Normal and Silent
modes (Note 2)
Delay Time from Bus Reces-
sive to RXD
td(busrec-RXD)
20
—
100
ns
Normal and Silent
modes (Note 2)
ATA6560/1 ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: TvJ = –40°C to +150°C; VVCC = 4.5V to 5.5V; VVIO = 2.8V to 5.5V; RL =60, CL = 100 pF,
unless otherwise; all voltages are defined in relation to ground; positive currents flow into the IC.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: This parameter is 100% correlation tested.
2: This parameter is ensured by characterization on samples.
3: This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com