Electronic Components Datasheet Search
  English  ▼

X  

ATA6560 Datasheet(PDF) 11 Page - Microchip Technology

Part # ATA6560
Description  High-Speed CAN Transceiver with Standby Mode CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6560 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATA6560 Datasheet HTML 7Page - Microchip Technology ATA6560 Datasheet HTML 8Page - Microchip Technology ATA6560 Datasheet HTML 9Page - Microchip Technology ATA6560 Datasheet HTML 10Page - Microchip Technology ATA6560 Datasheet HTML 11Page - Microchip Technology ATA6560 Datasheet HTML 12Page - Microchip Technology ATA6560 Datasheet HTML 13Page - Microchip Technology ATA6560 Datasheet HTML 14Page - Microchip Technology ATA6560 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2018 Microchip Technology Inc.
DS20005991A-page 11
ATA6560/1
Mode Control Input, Pin NSIL and STBY
High-Level Input Voltage
VIH
0.7 x VVIO
—VVIO +0.3
V
Low-Level Input Voltage
VIL
–0.3
—
0.3 x VVIO
V
Pull-Up Resistor to VIO
Rpu
75
125
175
kΩ
VSTBY =0V, VNSIL =0V
High-Level Leakage Current
IL
–2
—
+2
µA
VSTBY =VVIO,
VNSIL =VVIO
CAN Transmit Data Input, Pin TXD
High-Level Input Voltage
VIH
0.7 x VVIO
—VVIO +0.3
V
Low-Level Input Voltage
VIL
–0.3
—
0.3 x VVIO
V
Pull-Up Resistor to VIO
RTXD
20
35
50
kΩ
VTXD =0V
High-Level Leakage Current
ITXD
–2
—
+2
µA
Normal mode,
VTXD =VVIO
Input Capacitance
CTXD
—
5
10
pF
Note 3
CAN Receive Data Output, Pin RXD
High-Level Output Current
IOH
–8
—
–1
mA
Normal mode,
VRXD =VVIO –0.4V,
VVIO =VVCC
Low-Level Output Current
IOL
2
—
12
mA
Normal mode,
VRXD =0.4V,
bus dominant
Bus Lines, Pins CANH and CANL
Dominant Output Voltage
IIO
2.75
3.5
4.5
V
VTXD =0V,
t< tto(dom)TXD
pin CANH
0.5
1.5
2.25
V
VTXD =0V,
t< tto(dom)TXD
pin CANL
Transmitter Dominant Voltage
Symmetry
Vdom(TX)sym 0.9 x VVCC
—
1.1 x VVCC
VVdom(TX)sym =VCANH +
VCANL (Note 1)
Bus Differential Output Voltage
VO(diff)bus
1.5
—
3
V
VTXD =0V,
t< tto(dom)TXD
RL = 45Ω to 65Ω
–50
—
+50
mV
VVCC = 4.75V to 5.25V
VTXD =VVIO, receive,
no load
Recessive Output Voltage
VO(rec)
20.5 x VVCC
3
V
Normal and Silent
modes,
VTXD =VVIO, no load
–0.1
—
+0.1
V
Standby mode,
VTXD =VVIO, no load
ATA6560/1 ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: TvJ = –40°C to +150°C; VVCC = 4.5V to 5.5V; VVIO = 2.8V to 5.5V; RL =60, CL = 100 pF,
unless otherwise; all voltages are defined in relation to ground; positive currents flow into the IC.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: This parameter is 100% correlation tested.
2: This parameter is ensured by characterization on samples.
3: This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com