Electronic Components Datasheet Search
  English  ▼

X  

ATA6560 Datasheet(PDF) 16 Page - Microchip Technology

Part # ATA6560
Description  High-Speed CAN Transceiver with Standby Mode CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6560 Datasheet(HTML) 16 Page - Microchip Technology

Back Button ATA6560 Datasheet HTML 12Page - Microchip Technology ATA6560 Datasheet HTML 13Page - Microchip Technology ATA6560 Datasheet HTML 14Page - Microchip Technology ATA6560 Datasheet HTML 15Page - Microchip Technology ATA6560 Datasheet HTML 16Page - Microchip Technology ATA6560 Datasheet HTML 17Page - Microchip Technology ATA6560 Datasheet HTML 18Page - Microchip Technology ATA6560 Datasheet HTML 19Page - Microchip Technology ATA6560 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ATA6560/1
DS20005991A-page 16
 2018 Microchip Technology Inc.
3.0
PACKAGING INFORMATION
3.1
Package Marking Information
810
6561-N
1810256
810
6560-N
1810256
810
ATA6561
1810256
810
ATA6560
1810256
YWW
XXXXXXXX
YYWWNNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
6566
ZZZ
8-Lead SOIC
8-Lead 3 x 3 mm VDFN
Example ATA6560
Example ATA6561
Example ATA6561
6561
256
6566
ZZZ
6560
256
Example ATA6560
Industrial type
Example ATA6561
Industrial type
Example ATA6561
Industrial type
6566
ZZZ
6561-N
256
6566
ZZZ
6560-N
256
Example ATA6560
Industrial type
Example ATA6560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com