Electronic Components Datasheet Search
  English  ▼

X  

ATA6560 Datasheet(PDF) 7 Page - Microchip Technology

Part # ATA6560
Description  High-Speed CAN Transceiver with Standby Mode CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6560 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATA6560 Datasheet HTML 3Page - Microchip Technology ATA6560 Datasheet HTML 4Page - Microchip Technology ATA6560 Datasheet HTML 5Page - Microchip Technology ATA6560 Datasheet HTML 6Page - Microchip Technology ATA6560 Datasheet HTML 7Page - Microchip Technology ATA6560 Datasheet HTML 8Page - Microchip Technology ATA6560 Datasheet HTML 9Page - Microchip Technology ATA6560 Datasheet HTML 10Page - Microchip Technology ATA6560 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2018 Microchip Technology Inc.
DS20005991A-page 7
ATA6560/1
FIGURE 1-4:
Release of Transmission After Overtemperature Condition.
1.2.6
SHORT-CIRCUIT PROTECTION OF
THE BUS PINS
The CANH and CANL bus outputs are short-circuit
protected, either against GND or a positive supply
voltage. A current-limiting circuit protects the trans-
ceiver against damage. If the device heats up due to
a continuous short on CANH or CANL, the internal
overtemperature protection switches the bus trans-
mitter off.
1.2.7
RXD RECESSIVE CLAMPING
This fail-safe feature prevents the controller from
sending data on the bus if its RXD line is clamped to
high (for example, recessive). That is, if the RXD pin
cannot signal a dominant bus condition (for example,
because it is shorted to VCC), the transmitter within the
ATA6560/1 is disabled to avoid possible data collisions
on the bus. In Normal and Silent modes (only for the
ATA6560), the device permanently compares the state
of the HSC to the state of the RXD pin.
If the HSC indicates a dominant bus state for more than
tRC_det, without the RXD pin doing the same, a
recessive clamping situation is detected and the device
is forced into the Silent mode. This Fail-Safe mode is
released by entering either the Standby or the Unpow-
ered mode or if the RXD pin is showing a dominant (for
example, low) level again.
Failure
Overtemp
GND
TXD
Overtemperature
RD
R
t
t
t
OT
BUS VDIFF
(CANH-CANL)
V O
RD
D
t
t
RXD
V O
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com