Electronic Components Datasheet Search
  English  ▼

X  

ATA6560 Datasheet(PDF) 8 Page - Microchip Technology

Part # ATA6560
Description  High-Speed CAN Transceiver with Standby Mode CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6560 Datasheet(HTML) 8 Page - Microchip Technology

Back Button ATA6560 Datasheet HTML 4Page - Microchip Technology ATA6560 Datasheet HTML 5Page - Microchip Technology ATA6560 Datasheet HTML 6Page - Microchip Technology ATA6560 Datasheet HTML 7Page - Microchip Technology ATA6560 Datasheet HTML 8Page - Microchip Technology ATA6560 Datasheet HTML 9Page - Microchip Technology ATA6560 Datasheet HTML 10Page - Microchip Technology ATA6560 Datasheet HTML 11Page - Microchip Technology ATA6560 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ATA6560/1
DS20005991A-page 8
 2018 Microchip Technology Inc.
FIGURE 1-5:
RXD Recessive Clamping Detection.
1.3
Pin Description
The descriptions of the pins are listed in Table 1-2.
CAN
TXD
RXD
Operation
ode
Normal
Normal
Silent
If the clamping condition is removed and a
dominant bus is detected, the transceiver
goes back to
ormal mode.
TABLE 1-2:
PIN FUNCTION TABLE
ATA6560
ATA6561
Symbol
Description
SOIC8 VDFN8 SOIC8 VDFN8
1111
TXD
Transmit Data Input
2222
GND
Ground Supply
3333
VCC
Supply Voltage
4444
RXD
Receive Data Output; reads out data from the bus lines
—
—
5
5
VIO
Supply Voltage for the I/O Level Adapter; the VIO and VCC lines
are internally connected
5
5
—
—
NSIL
Silent Mode Control Input (low active)
6666
CANL
Low-Level CAN Bus Line
7777
CANH
High-Level CAN Bus Line
8888
STBY
Standby Mode Control Input
—
9
—
9
EP
Exposed Thermal Pad; heat slug, internally connected to the GND
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com