Electronic Components Datasheet Search
  English  ▼

X  

ATA6560 Datasheet(PDF) 14 Page - Microchip Technology

Part # ATA6560
Description  High-Speed CAN Transceiver with Standby Mode CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6560 Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATA6560 Datasheet HTML 10Page - Microchip Technology ATA6560 Datasheet HTML 11Page - Microchip Technology ATA6560 Datasheet HTML 12Page - Microchip Technology ATA6560 Datasheet HTML 13Page - Microchip Technology ATA6560 Datasheet HTML 14Page - Microchip Technology ATA6560 Datasheet HTML 15Page - Microchip Technology ATA6560 Datasheet HTML 16Page - Microchip Technology ATA6560 Datasheet HTML 17Page - Microchip Technology ATA6560 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ATA6560/1
DS20005991A-page 14
 2018 Microchip Technology Inc.
FIGURE 2-1:
Timing Test Circuit for the ATA6560/1 CAN Transceiver.
Temperature Specifications
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
8-Lead SOIC
Thermal Resistance Virtual Junction to Ambient
RthvJA
—145
—
K/W
Thermal Shutdown of Bus Drivers
TJsd
150
175
195
°C
8-Lead VDFN
Thermal Resistance Virtual Junction to Heat Slug
RthvJC
—10
—
K/W
Thermal Resistance Virtual Junction to Ambient,
where Heat Slug is Soldered to PCB According to
JEDEC
RthvJA
—50
—
K/W
Thermal Shutdown of Bus Drivers
TJsd
150
175
195
°C
TXD
1
4
7
6
5
28
3
+
+5V
22 μF
100 nF
15 pF
RXD
CANH
GND
STBY
CANL
VIO/NSIL
VCC
RL
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com