Electronic Components Datasheet Search
  English  ▼

X  

BME688 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BME688
Description  Digital low power gas, pressure, temperature & humidity sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME688 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BME688 Datasheet HTML 5Page - Bosch Sensortec GmbH BME688 Datasheet HTML 6Page - Bosch Sensortec GmbH BME688 Datasheet HTML 7Page - Bosch Sensortec GmbH BME688 Datasheet HTML 8Page - Bosch Sensortec GmbH BME688 Datasheet HTML 9Page - Bosch Sensortec GmbH BME688 Datasheet HTML 10Page - Bosch Sensortec GmbH BME688 Datasheet HTML 11Page - Bosch Sensortec GmbH BME688 Datasheet HTML 12Page - Bosch Sensortec GmbH BME688 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Bosch Sensortec | BME688 Datasheet
9 | 60
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BME688-DS000-03 Revision_1.3 022024
Table 3: IAQ system parameter specification3
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Accuracy status4
AXIAQ
Android compatible
0
3
IAQ Resolution
IAQrs
1
IAQ Range
IAQrg
0
500
Sensor-to-sensor
deviation5
IAQS2S
All operation modes
±15%
±15
Durability to
siloxanes6,7,8
IAQS2S
Sensor-to-sensor deviation
±15%
±15
IAQdrift
Drift at low & high
concentrations
±1%
±4
3 IAQ parameters only apply for the combination of BME688 together with the Bosch Software Environmental Cluster (BSEC) solution (available for download, see chapter 4)
4 The accuracy status is equal to zero during the power-on stabilization times of the sensor and is equal to 3 when the sensor achieves best performance
5 Tested with 0.6–90 ppm of EtOH at 5–40 °C, 20–80% r.H. and atmospheric pressure. Condition is valid after the calibration period of the BSEC algorithm.
6 Siloxanes are present in a typical indoor environment and can in principle perturb the metal-oxide-based gas sensor performance.
7 220 hours of 700 mg/m3 of octamethylcyclotetrasiloxane (D4) in ambient conditions (i.e. 20 °C and 50% r.H.) simulates the amount of siloxanes in a typical indoor environment over
more than 10 years.
8 Tested with 0.5–15 ppm of b-VOC at 20 °C and 50% r.H. using continuous operation mode for 220 hours of 700 mg/m3 of octamethylcyclotetrasiloxane (D4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com