Electronic Components Datasheet Search
  English  ▼

X  

BME688 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BME688
Description  Digital low power gas, pressure, temperature & humidity sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME688 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BME688 Datasheet HTML 15Page - Bosch Sensortec GmbH BME688 Datasheet HTML 16Page - Bosch Sensortec GmbH BME688 Datasheet HTML 17Page - Bosch Sensortec GmbH BME688 Datasheet HTML 18Page - Bosch Sensortec GmbH BME688 Datasheet HTML 19Page - Bosch Sensortec GmbH BME688 Datasheet HTML 20Page - Bosch Sensortec GmbH BME688 Datasheet HTML 21Page - Bosch Sensortec GmbH BME688 Datasheet HTML 22Page - Bosch Sensortec GmbH BME688 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Bosch Sensortec | BME688 Datasheet
19 | 60
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BME688-DS000-03 Revision_1.3 022024
3.5 Sensor configuration
Quick start – Forced mode
The sensor is configured by writing to a set of control registers (see Chapter 5 for a detailed list of all available registers and
their descriptions). This section illustrates, with the help of a basic step-by-step example, how to configure the sensor for
simple forced mode measurements with a single heater step. For a more detailed description of the measurement flow,
please refer to Section 3.6.
In this example, the sensor will be configured to use 2x oversampling for its temperature measurements, 16x oversampling
for the pressure signal, and 1x oversampling for humidity. Moreover, the gas sensor hot plate will be configured to be
heated for 100 ms at 300 °C before the gas measurement is performed.
First, the user must configure the oversampling settings for temperature, pressure and humidity by setting the control
registers osrs_t<2:0> and osrs_h<2:0>, respectively. Supported settings range from 16x oversampling down to 0x, which is
equivalent to skipping the corresponding sub-measurement. See Section 5.3.3 for further details.
1. Set humidity oversampling to 1x by writing 0b001 to osrs_h<2:0>
2. Set temperature oversampling to 2x by writing 0b010 to osrs_t<2:0>
3. Set pressure oversampling to 16x by writing 0b101 to osrs_p<2:0>
It is highly recommended to set first osrs_h<2:0> followed by osrs_t<2:0> and osrs_p<2:0> in one write command (see
Section 3.6).
Next, the user shall set at least one gas sensor hot plate temperature step and heating duration. Up to 10 heating duration
can be configured through the control registers gas_wait_x<7:0>, where x ranges from 0 to 9. See Section 5.3.4 for definition
of register content. The corresponding heater step are stored in the registers res_heat_x<7:0>. Section 3.6.5 explains how
to convert the target heater temperature, e.g. 300 °C, into a register code. For forced mode operation, the used heater step
is selected by setting the control register nb_conv<3:0> to the heater profile to be used, e.g. to use gas_wait_0<7:0> and
res_heat_0<7:0>, nb_conv<3:0> shall be set to 0x0. Finally, gas functionality shall be enabled by setting the run_gas_h bit
to 1.
4. Set gas_wait_0<7:0> to 0x59 to select 100 ms heat up duration
5. Set the corresponding heater step by writing the target heater resistance to res_heat_0<7:0>
6. Set nb_conv<3:0> to 0x0 to select the previously defined heater settings
7. Set run_gas_h to 1 to enable gas measurements
Now, a single forced mode measurement with the above settings can be triggered by writing 0b01 to mode<1:0>. For more
details on data readout, please see Section 5.3.1.3.
8. Set mode<1:0> to 0b01 to trigger a single measurement.
Please find abstracted example code using BME68x-Sensor-API in https://github.com/BoschSensortec/BME68x-Sensor-
API/blob/master/examples/forced_mode/forced_mode.c
Sensor configuration flow – Forced mode
Figure 3 illustrates which control registers must be set. For details on the individual control registers, please refer to
Chapter 5. Moreover, details on the measurement flow for the individual modes can be found in Section 3.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com