Electronic Components Datasheet Search
  English  ▼

X  

BME688 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BME688
Description  Digital low power gas, pressure, temperature & humidity sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME688 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BME688 Datasheet HTML 35Page - Bosch Sensortec GmbH BME688 Datasheet HTML 36Page - Bosch Sensortec GmbH BME688 Datasheet HTML 37Page - Bosch Sensortec GmbH BME688 Datasheet HTML 38Page - Bosch Sensortec GmbH BME688 Datasheet HTML 39Page - Bosch Sensortec GmbH BME688 Datasheet HTML 40Page - Bosch Sensortec GmbH BME688 Datasheet HTML 41Page - Bosch Sensortec GmbH BME688 Datasheet HTML 42Page - Bosch Sensortec GmbH BME688 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Bosch Sensortec | BME688 Datasheet
39 | 60
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BME688-DS000-03 Revision_1.3 022024
5.3.4.4 Gas Sensor heater-on time in parallel mode -- gas_wait_x & gas_wait_shared
Referring to 3.5.4, total heater-on time depends on number of TPHG sequence, time taken for TPHG measurement and wait
phase of each TPHG sequence. gas_wait_x<7:0> sets number of times TPHG sequence needs to be repeated.
The number of TPHG sub-measurement sequences within the one Gas conversion for one target temperature resistance is
defined by gas_wait_X(7:0) settings. The duration of measurement is calculated as follows: Duration = gas_wait_X × (wait
time defined by gas_wait_shared + TTPHG_duration)
Heater step
Register name
Address
Content
Description
0...9
gas_wait_x
x is from 0 to 9
0x64…0x6D
gas_wait_x<7:0>
x is from 0 to 9
255 values with
1 LSB corresponds to 1 TPHG
sequence, all zeros means
gas_wait_shared is fully
skipped and one TPHG
sequence is executed.
gas_wait_shared<7:0> sets wait time before each TPHG measurement sequence with duration as configured below. This
is common for the whole gas measurement sequence in parallel mode.
Register Name
Address
Content<bit position>
Description
gas_wait_shared
0x6E
gas_wait_shared<5:0>
64 timer values with 0.477ms step sizes, all zeros
means no wait.
gas_wait_shared=0x00 is treated
as if gas_wait_shared=0x01.
gas_wait_shared
<7:6>
Gas sensor wait time multiplication factor
00
1
01
4
10
16
11
64
5.3.4.5 Heater off - heat_off
Register Name
Address
Content<bit
position>
Description
ctrl_gas_0
0x70
heat_off <3>
Turn off current injected to heater by setting bit to
one
5.3.4.6 Heater profile selection- nb_conv
nb_conv set heater profile of the sensor.
Register Name
Address
Content<bit position>
Description
ctrl_gas_1
0x71
nb_conv<3:0>
Forced mode: Indicates index of heater step that
will be used in forced mode as describe in below
table
Parallel mode: Indicates sequence of up to 10
heater steps
as describe in below table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com