Electronic Components Datasheet Search
  English  ▼

X  

BME688 Datasheet(PDF) 49 Page - Bosch Sensortec GmbH

Part # BME688
Description  Digital low power gas, pressure, temperature & humidity sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME688 Datasheet(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BME688 Datasheet HTML 45Page - Bosch Sensortec GmbH BME688 Datasheet HTML 46Page - Bosch Sensortec GmbH BME688 Datasheet HTML 47Page - Bosch Sensortec GmbH BME688 Datasheet HTML 48Page - Bosch Sensortec GmbH BME688 Datasheet HTML 49Page - Bosch Sensortec GmbH BME688 Datasheet HTML 50Page - Bosch Sensortec GmbH BME688 Datasheet HTML 51Page - Bosch Sensortec GmbH BME688 Datasheet HTML 52Page - Bosch Sensortec GmbH BME688 Datasheet HTML 53Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Bosch Sensortec | BME688 Datasheet
49 | 60
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BME688-DS000-03 Revision_1.3 022024
I²C timings
For I²C timings, the following abbreviations are used:
•
“S&F mode” = standard and fast mode
•
“HS mode” = high speed mode
•
Cb = bus capacitance on SDA line
All other naming refers to I²C specification 2.1 (January 2000).
The I²C timing diagram is in Picture 12. The corresponding values are given in Table 24
tHDDAT
tf
tBUF
SDI
SCK
SDI
tLOW
tHDSTA
tr
tSUSTA
tHIGH
tSUDAT
tSUSTO
Picture 12: I2C timing diagram
Table 24: I2C timings
Parameter
Symbol
Condition
Min
Typ
Max
Unit
SDI setup time
tSU;DAT
S&F Mode
HS mode
160
30
ns
ns
SDI hold time
tHD;DAT
S&F Mode, Cb≤100 pF
S&F Mode, Cb≤400 pF
HS mode, Cb≤100 pF
HS mode, Cb≤400 pF
80
90
18
24
115
150
ns
ns
ns
ns
SCK low pulse
tLOW
HS mode, Cb≤100 pF
VDDIO = 1.62 V
160
ns
SCK low pulse
tLOW
HS mode, Cb≤100 pF
VDDIO = 1.2 V
210
ns
The above-mentioned I2C specific timings correspond to the following internal added delays:
•
Input delay between SDI and SCK inputs: SDI is more delayed than SCK by typically 100 ns in Standard and Fast
Modes and by typically 20 ns in High Speed Mode.
•
Output delay from SCK falling edge to SDI output propagation is typically 140 ns in Standard and Fast Modes and
typically 70 ns in High Speed Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com