Electronic Components Datasheet Search
  English  ▼

X  

BME688 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BME688
Description  Digital low power gas, pressure, temperature & humidity sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME688 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BME688 Datasheet HTML 1Page - Bosch Sensortec GmbH BME688 Datasheet HTML 2Page - Bosch Sensortec GmbH BME688 Datasheet HTML 3Page - Bosch Sensortec GmbH BME688 Datasheet HTML 4Page - Bosch Sensortec GmbH BME688 Datasheet HTML 5Page - Bosch Sensortec GmbH BME688 Datasheet HTML 6Page - Bosch Sensortec GmbH BME688 Datasheet HTML 7Page - Bosch Sensortec GmbH BME688 Datasheet HTML 8Page - Bosch Sensortec GmbH BME688 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Bosch Sensortec | BME688 Datasheet
2 | 60
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BME688-DS000-03 Revision_1.3 022024
BME688
Digital low power gas, pressure, temperature & humidity sensor with AI
The BME688 is the first gas sensor with Artificial Intelligence (AI) and integrated high-linearity and high-accuracy
pressure, humidity and temperature sensors. It is housed in a robust yet compact 3.0 x 3.0 x 0.9 mm³ package
and especially developed for mobile & connected applications where size and low power consumption are critical
requirements. The gas sensor can detect Volatile Organic Compounds (VOCs), volatile sulfur compounds (VSCs)
and other gases such as carbon monoxide and hydrogen in the part per billion (ppb) range.
Additionally to all features of the BME680, the BME688 has a gas scanner function. In standard configuration, the
presence of VSCs is being detected as indicator for e.g. bacteria growth. And the gas scanner can be customized
with respect to sensitivity, selectivity, data rate and power consumption as well. The BME AI-Studio tool enables
customers to train the BME688 gas scanner on their specific application, like in home appliances, IoT products
or Smart Home.
Typical applications
 Indoor air quality measurement
 Bad breath or spoiled food detection based on the measurement of volatile sulfur compounds, which are
an indicator of bacteria growth
 Detection of unusual gases and smells, which might indicate for instance a leakage
 Diaper state detection, e.g. for baby care
 Early detection of odors & bad smells
Target Devices
 Handsets such as mobile phones, tablet PCs, GPS devices
 Wearables e.g. smart watches or connected sensors
 Mobile / care devices like toothbrushes or breath checkers
 Smart home devices, e.g. smart speakers, connected sensors or lamps
 Room climate sensors
 Home appliances
 Gaming, e.g. flying toys
 Connected devices, for instance for asset tracking or surveillance
 Sensor networks / sensor nodes
Videos, further documents & software is available online:
 BME688: https://www.bosch-sensortec.com/products/environmental-sensors/gas-sensors/bme688/
 Software: https://www.bosch-sensortec.com/software-tools/software/bme688-software/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com