Electronic Components Datasheet Search
  English  ▼

X  

BME688 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BME688
Description  Digital low power gas, pressure, temperature & humidity sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME688 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BME688 Datasheet HTML 40Page - Bosch Sensortec GmbH BME688 Datasheet HTML 41Page - Bosch Sensortec GmbH BME688 Datasheet HTML 42Page - Bosch Sensortec GmbH BME688 Datasheet HTML 43Page - Bosch Sensortec GmbH BME688 Datasheet HTML 44Page - Bosch Sensortec GmbH BME688 Datasheet HTML 45Page - Bosch Sensortec GmbH BME688 Datasheet HTML 46Page - Bosch Sensortec GmbH BME688 Datasheet HTML 47Page - Bosch Sensortec GmbH BME688 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Bosch Sensortec | BME688 Datasheet
44 | 60
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BME688-DS000-03 Revision_1.3 022024
5.3.6.5 Gas valid status
In each TPHG sequence in parallel mode contains a gas measurement slot, either a real one which result is used or a
dummy one to keep a constant sampling rate and predictable device timing. A real gas conversion (i.e., not a dummy one)
is indicated by the gas_valid_r status register.
Register Name
[Field]
Address
Content<bit position>
Description
gas_r_lsb [0]
gas_r_lsb [1]
gas_r_lsb [2]
0x2D
0x3E
0x4F
gas_valid_r<5>
Gas valid bit
5.3.6.6 Heater Stability Status
Heater temperature stability for target heater resistance is indicated heat_stab_x status bits and updated with data
registers.The heater stability flag behavior depends on the current device mode:
• Forced mode: Stability is monitored only during the auto ranging sequences for gas measurements.
• Parallel mode: Stability is monitored from the beginning of the last one TPHG sequence (the on
containing the real gas measurements) to the end of the gas measurement.
Register Name
[Field]
Address
Content<bit position>
Description
gas_r_lsb [0]
gas_r_lsb [1]
gas_r_lsb [2]
0x2D
0x3E
0x4F
heat_stab_r<4>
Heater stability bit
5.3.6.7 Sub Measurement Index
Indicates current TPHG sequence number on operating sensor on parallel mode, which are incremented for each TPHG
measurement. These status bytes form “virtual time sensor” and contain a snapshot of the internal 8 bit conversion counter
since the last change of device mode.
Register Name
[Field]
Address
Content<bit position>
Description
sub_meas_index [0]
sub_meas_index [1]
sub_meas_index [2]
0x1E
0x2F
0x40
sub_meas_index<7:0>
TPHG measurement sequence number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com