Electronic Components Datasheet Search
  English  ▼

X  

BME688 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BME688
Description  Digital low power gas, pressure, temperature & humidity sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME688 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BME688 Datasheet HTML 9Page - Bosch Sensortec GmbH BME688 Datasheet HTML 10Page - Bosch Sensortec GmbH BME688 Datasheet HTML 11Page - Bosch Sensortec GmbH BME688 Datasheet HTML 12Page - Bosch Sensortec GmbH BME688 Datasheet HTML 13Page - Bosch Sensortec GmbH BME688 Datasheet HTML 14Page - Bosch Sensortec GmbH BME688 Datasheet HTML 15Page - Bosch Sensortec GmbH BME688 Datasheet HTML 16Page - Bosch Sensortec GmbH BME688 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Bosch Sensortec | BME688 Datasheet
13 | 60
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BME688-DS000-03 Revision_1.3 022024
1.4 Pressure sensor specification
Table 9: Pressure parameter specification
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating temperature
range
TA
operational
-40
25
85
°C
full accuracy
0
65
Operating pressure
range
P
full accuracy
300
1100
hPa
Supply current
IDD,LP
1 Hz forced mode,
pressure and temperature,
lowest power
3.1
4.2
µA
Temperature coefficient
of offset17
TCOP
25 - 40 °C, 900 hPa
±1.3
Pa/K
±10.9
cm/K
Absolute accuracy
pressure
Ap, full
300 - 1100 hPa
0 - 65°C
±0.6
hPa
Relative accuracy
pressure
Arel
700 – 900 hPa,
25 - 40 °C, at constant
humidity
±0.12
hPa
Arel
900 – 1100 hPa
25 - 40 °C, at constant
humidity
±0.12
hPa
Resolution of
pressure output data
RP
Highest oversampling
0.18
Pa
Noise in pressure
NP,fullBW
Full bandwidth, highest
oversampling
1.4
Pa
11
cm
Reduced bandwidth, highest
oversampling
0.2
Pa
1.7
cm
Solder drift
Minimum solder height 50 µm
-0.5
1.2
+2.0
hPa
Long-term stability18
Pstab
per year
±1.0
hPa
Possible sampling rate
fsample_P
Lowest oversampling,
see chapter 3.6.2
157
182
Hz
17 When changing temperature from 25 °C to 40 °C at constant pressure / altitude, the measured pressure / altitude will change by (15×TCOP).
18 Long-term stability is specified in the full accuracy operating pressure range 0‒65 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com