Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 10Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 11Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 12Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 13Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 14Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 15Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 16Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 17Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
Bosch Sensortec | BMI088 Data sheet
14 | 62
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS000-19
Revision_1.9_012024
4. Functional Description
4.1 Power Management and Power Modes
The BMI088 has two distinct power supply pins:
•
VDD is the main power supply for the internal blocks
•
VDDIO is a separate power supply pin mainly used for the supply of the interface
There are no limitations on the voltage levels of both pins relative to each other, as long as each of them
lies within its operating range. Furthermore, the device can be completely switched off (VDD = 0V) while
keeping the VDDIO supply on (VDDIO > 0V) or vice versa.
When the VDDIO supply is switched off, all interface pins (CSB, SDI, SCK, PS) must be kept close to
GNDIO potential.
The device contains a power-on reset (POR) generator. It resets the logic part and the register values
after powering-on VDD and VDDIO. This means that all application specific settings which are not equal
to the default settings (refer to 6.2 register map accelerometer and to 8.2 register map gyroscope), must
be changed back to their designated values after POR.
Please note: the POR resets also the interface. For the gyroscope part, the interface is defined by the
voltage level on the PS pin. The interface of the accelerometer part is defined by the voltage level of the
CSB1 pin at the moment when the POR is initiated (see chapter 3).
4.1.1
Power Modes: Accelerometer
The power state of the BMI088 accelerometer is controlled through the register ACC_PWR_CTRL. The
register ACC_PWR_CTRL enables and disables the accelerometer and the temperature sensor.
To enter normal mode, the value 0x04 must be written to ACC_PWR_CTRL.
To enter suspend mode, register ACC_PWR_CTRL must be cleared.
Note: The sensor is in suspend mode after reset (POR or soft-reset), thus the user actively needs to
enter normal mode in order to obtain acceleration values.
Note: After POR or soft-reset, the acceleration sensor needs up to 1ms boot time (ts_up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com