Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 20Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 21Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 22Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 23Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 24Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 25Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 26Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 27Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
Bosch Sensortec | BMI088 Data sheet
24 | 62
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS000-19
Revision_1.9_012024
5. Register Maps
5.1 Communication with the sensor
The entire communication with the device is performed by reading from and writing to registers.
Registers have a width of 8 bits; they are mapped to an 8-bit address space. Accelerometer and
gyroscope have individual register maps. The selection of the appropriate register map is done on digital
interface level by either selecting the corresponding chip select pin (SPI mode) or I2C address (I2C
mode). For details regarding the digital interface, see chapter 0.
The functional registers and the register addresses containing functional bits are marked in the following
register maps. All non-functional registers are marked as reserved and should be completely ignored by
the user.
It is recommended to mask out (logical and with zero) non-functional bits (marked with ‘-‘) of registers
which partially contain functional bits (i.e. read the register content first, changing bit by means of bit-
wise operations, and write the modified byte back to the register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com