Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 17Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 18Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 19Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 20Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 21Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 22Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 23Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 24Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Bosch Sensortec | BMI088 Data sheet
21 | 62
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS000-19
Revision_1.9_012024
Bit
7
6
5
4
3
2
1
0
0
1
0
0
1
0
reserved reserved
•
Payload: The FIFO input config frame contains one byte of data, of which the following bits have
a meaning (the content of the other bits can safely be ignored):
o Bit #1: indicates that a configuration change through register ACC_RANGE becomes
active (means for example that the range of the accelerometer was changed).
o Bit #0: indicates that a configuration change through the registers ACC_CONF or
FIFO_DOWNS becomes active (means of example that the filter settings where
changed or the FIFO sampling rate was modified).
4.9.3.2.5 Sample drop Frame
After a reconfiguration, indicated by the fifo_Input_Config frame, the next sample may be dropped,
until the sensor delivers valid data again. Instead, a drop frame is inserted at the ODR tick at which a
sample was to be expected without reconfiguration.
•
Frame length: 2 bytes (1 byte header + 1 byte payload)
•
Header:
Bit
7
6
5
4
3
2
1
0
0
1
0
1
0
0
reserved reserved
•
Payload: The sample drop frame contains one byte of data, whose content can be ignored.
4.9.3.2.6 FIFO partial frame reads and overreads
When a frame is only partially (uncompletely) read through the register FIFO_DATA it will be repeated
completely with the next access. In the case of a FIFO overflow between the first partial read and the
second read attempt, the frame may be deleted.
When more data is read from the FIFO than it contains valid data, 0x8000 is returned.
4.9.3.3 FIFO Interrupts
The FIFO supports two interrupts, a FIFO full interrupt and a watermark interrupt:
•
The FIFO full interrupt is issued when the FIFO fill level is above the full threshold. The full
threshold is reached just before the last two frames are stored in the FIFO.
•
The FIFO watermark is issued when the FIFO fill level is superior or equal to the watermark
level defined in register FIFO_WTM (see 5.3.13).
In order to enable/use the FIFO full or watermark interrupts they need to be mapped on the desired
interrupt pin via INT1_INT2_MAP_DATA (see 5.3.18).
Both interrupts are suppressed when a read operation on the register FIFO_DATA is ongoing.
Latched FIFO interrupts will only get cleared, if the status register gets read and the fill level is below
the corresponding FIFO interrupt (full or watermark).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com