Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 49 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 45Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 46Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 47Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 48Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 49Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 50Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 51Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 52Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 53Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Bosch Sensortec | BMI088 Data sheet
49 | 62
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS000-19
Revision_1.9_012024
Table 13: I²C timings
Parameter
Symbol
Min
Max
Units
Clock Frequency
fSCL
400
kHz
SCL Low Period
tLOW
1.3
µ
s
SCL High Period
tHIGH
0.6
SDA Setup Time
tSUDAT
0.1
SDA Hold Time
tHDDAT
0.0
Setup Time for a repeated Start
Condition
tSUSTA
0.6
Hold Time for a Start Condition
tHDSTA
0.6
Setup Time for a Stop Condition
tSUSTO
0.6
Time before a new Transmission can
start
tBUF
1.3
Idle time between write accesses,
normal mode
tIDLE_wacc_nm
2
µs
Idle time between write accesses,
suspend mode
tIDLE_wacc_sum
450
µs
Figure 3 shows the definition of the I²C timings given in table 13:
Figure 3: I²C timing diagram
tHDDAT
tf
tBUF
SDA
SCL
SDA
tLOW
tHDSTA
tr
tSUSTA
tHIGH
tSUDAT
tSUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com