Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 34 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 30Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 31Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 32Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 33Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 34Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 35Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 36Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 37Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Bosch Sensortec | BMI088 Data sheet
34 | 62
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS000-19
Revision_1.9_012024
5.3.19
Register 0x6D: ACC_SELF_TEST
Enables the sensor self-test signal, occurring as a steady offset to the sensor output. Note that the
self-test needs to be switched off actively by the user (details see 4.6.1).
Bit
Access
Reset
value
Description
[7:0]
RW
0x00
self_test
Behaviour
0x00
Self-test is switched off.
0x0D
Enable positive self-test signal.
0x09
Enable negative self-test signal.
5.3.20
Register 0x7C: ACC_PWR_CONF
Switches accelerometer into suspend mode for saving power. In this mode the data acquisition is
stopped.
Bit
Name
Access
Reset
value
Description
[7:0] acc_pwr_save
RW
0x03
acc_pwr_save
Filter setting
0x03
Suspend mode
0x00
Active mode
5.3.21
Register 0x7D: ACC_PWR_CTRL
Switches accelerometer ON or OFF. Required to do after every reset in order to obtain acceleration
values.
Bit
Name
Access
Reset
value
Description
[7:0] acc_enable
RW
0x00
acc_enable
Filter setting
0x00
Accelerometer off
0x04
Accelerometer on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com