Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 35Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 36Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 37Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 38Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 39Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 40Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 41Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 42Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Bosch Sensortec | BMI088 Data sheet
39 | 62
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS000-19
Revision_1.9_012024
5.5.5
Register 0x0F: GYRO_RANGE
Bit
Access
Reset
value
Description
[7:0]
RW
0x00
Angular rate range and resolution. Possible values:
gyro_range
Full scale
[°/s]
Resolution
0x00
±2000
16.384 LSB/°/s 
61.0 m°/s / LSB
0x01
±1000
32.768 LSB/°/s 
30.5 m°/s / LSB
0x02
±500
65.536 LSB/°/s 
15.3 m°/s / LSB
0x03
±250
131.072 LSB/°/s 
7.6 m°/s / LSB
0x04
±125
262.144 LSB/°/s 
3.8m°/s / LSB
5.5.6
Register 0x10: GYRO_BANDWIDTH
Bit
Access
Reset
value
Description
[7:0]
RW
0x801
The register allows the selection of the rate data filter bandwidth and
output data rate (ODR). Possible values:
gyro_bw
ODR [Hz]
Filter bandwidth [Hz]
0x00
2000
532
0x01
2000
230
0x02
1000
116
0x03
400
47
0x04
200
23
0x05
100
12
0x06
200
64
0x07
100
32
1
Note: bit #7 is read-only and always ‚1‘, but has no function and can safely be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com