Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 15Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 16Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 17Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 18Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 19Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 20Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 21Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 22Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Bosch Sensortec | BMI088 Data sheet
19 | 62
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS000-19
Revision_1.9_012024
If the host requires an explicit I2C ACK for the soft reset (i.e. SDA line remains low while the SCL line
is
high)
the
host
must
put
the
sensor
in
advance
power
save
mode
(PWR_CONF.adv_power_save=0b1), disable the sensor (PWR_CTRL.acc_en=0b0) and the auxillary
interface (PWR_CTRL.aux_en=0b0) before issuing a soft reset.
4.9 FIFO
BMI088 offers two integrated FIFO (First In, First Out) buffers for accelerometer and gyroscope sensor
signals, helping the user to reduce or even omit time critical read access to the sensor in order to obtain
data with a high timing precision.
4.9.1
FIFO operating modes
The FIFO can be operated in different modes: FIFO (or stop-at-full) mode and STREAM mode.
•
FIFO or stop-at-full mode: In FIFO or stop-at-full mode, the sensor values are stored in the
FIFO buffer subsequently until it is full.
•
STREAM mode: The STREAM mode works like the FIFO mode with the difference that once
the buffer is full, the oldest data in the FIFO will be overwritten with the newest data from the
sensor.
4.9.2
FIFO interrupts
The FIFO buffers support two different types of interrupts:
•
Watermark interrupt: Triggered, when the fill level of the FIFO buffer reaches a user-defined
level.
•
FIFO-full interrupt: Triggered, when the FIFO is full.
4.9.3
Accelerometer sensor FIFO buffer
The accelerometer part of BMI088 has an integrated 1024 byte data FIFO. The FIFO captures data
from the data registers in frames, and each frame contains only one sample of a sensor.
4.9.3.1 Enabling FIFO and selecting the mode
The FIFO for accelerometer sensor data is enabled by setting bit #6 in register 0x49 (see 5.3.15).
4.9.3.1.1 Mode selection
When STREAM mode is desired, then the bit #0 in register 0x48 has to be cleared (set to ‘0’) (default
value on power up reset, see 5.3.14).
For FIFO or stop-at-full mode, bit #0 has to be set to ‘1’ in register 0x48.
4.9.3.1.2 FIFO data sampling rate
The input data rate to the FIFO is the same as the configured ODR of the sensor. However, it can be
reduced selecting a down-sampling factor of 2k with k=[0, 1, … 7]. The factor k must be written to bits
#4-6 of register 0x45 (see 5.3.12).
4.9.3.1.3 FIFO synchronization with external interrupts (tag application) for the accel
If the INT1 and/or INT2 pin is configured as input pin (by setting int2_io in register INT2_IO_CTRL
and/or setting int1_io in register INT1_IO_CTRL), signals on these pins can also be recorded in the
FIFO, and the frames are “tagged” accordingly. Therefore the pins need to be activated for FIFO
recording in register FIFO_CONFIG_1 (see 5.3.15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com