Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX88780_07 Datasheet HTML 32Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 33Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 34Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 35Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 36Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 37Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 38Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 39Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 40Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
AX88780
36
ASIX ELECTRONICS CORPORATION
5.4 PHYIDR1--PHY Identifier 1 Register
Index = 0x03
Field Name
Type Default
Description
15:10 OUILSB
R
000110
OUI lease significant bits.
9:4
MANMODE R
000011
Manufacture’s mode number
3:0
RECNUM
R
0011
Revision number
0001 for version 2
0011 for version 3
Default
0x1833
PS
5.5 ANAR--Auto-negotiation Advertisement Register
Index = 0x04
Field
Name
Type
Default
Description
15
NXTP
R
0, PS
Next page indication:
Not support
14
-
R
0
Reserved
13
-
R
0
Remote fault:
Not support fault condition detected.
12:11
-
R
X
Reserved
10
PF
R/W
0
Pause function:
AX88780 does not support this function in PHY layer. The pause function
will support with MAC operation.
9
100BSUP
R
0, PS
100BASE-T4 support:
Not support
8
100BFULSUP R/W
1
100BASE-TX full-duplex support:
1=enable 100BASE-TX full duplex
0=disable 100BASE-TX full-duplex
7
100BHAFSUP R/W
1
100BASE-TX half-duplex support:
1=enable 100BASE-TX half-duplex
0=disable 100BASE-TX half-duplex.
6
10BFULSUP R/W
1
10BASE-T full-duplex support:
1=enable 10BASE-T full-duplex
0=disable 10BASE-T full duplex.
5
10BHAFSUP R/W
1
10BASE-T half-duplex support:
1=enable 10BASE-T half-duplex
0=disable 10BASE-T half-duplex.
4:0
PROSEL
R/W
00001
Protocol selection bits:
AX88780 support IEEE 802.3u CSMA/CD.
5.6 ANLPAR--Auto-negotiation Link Partner Ability Register
Index = 0x05
Field
Name
Type
Default
Description
15
PNRNXT
R
0
Next page indication:
1= Link partner is next page enabled.
0= Link partner is not next page enabled
14
PNRACK
R
0
Acknowledgement:
1= Link partner ability for reception of data word is acknowledged
0= Link partner ability for reception of data word is not acknowledged.
13
PNRRF
R
0
Remote fault: (from link partner view)
1= Remote fault is indicated by link partner.
0= Remote fault is not indicated by link partner.
12:11
-
R
00
Reserved
10
PNRPAUS
R
0
Pause:
1= Pause operation is supported by link partner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com