Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 46 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 46 Page - ASIX Electronics Corporation

Back Button AX88780_07 Datasheet HTML 42Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 43Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 44Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 45Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 46Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 47Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 48Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 49Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 50Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
AX88780
46
ASIX ELECTRONICS CORPORATION
6.2.10 Serial EEPROM Timing
Symbol
Description
Min
Typ.
Max
Units
Tclk
EECLK clock timing*
1370
-
ns
Tod
EECLK falling edge to EEDI output delay
-
5
ns
Ts
EEDO data input setup timing
6
-
-
ns
Th
EEDO data input hold timing
6
-
-
ns
Tscs
EECS output valid to EECLK rising edge
650
ns
Thcs
EECLK falling edge to EECS invalid timing
0
ns
Tlcs
Minimum EECS low timing
-
560
-
ns
*Note: HCLK is 100MHz case.
EED I
( ou t put )
EEC L K
Tc l k
EED O
( i n put )
Ts
Th
To d
EEC S
Tl c s
Th c s
Ts c s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com