Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 49 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 49 Page - ASIX Electronics Corporation

Back Button AX88780_07 Datasheet HTML 45Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 46Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 47Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 48Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 49Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 50Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 51Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 52Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 53Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
AX88780
49
ASIX ELECTRONICS CORPORATION
Appendix A1. 16-bit mode address and data bus
A1-1. 16-bit mode and separated address and data bus
Note: The name of control signal for MCU is demonstrated only.
A1-1-1.
AX88780 is synchronous to host MCU
A1-1-2.
AX88780 is asynchronous to host MCU
Note: For asynchronous mode, system must provide extra OSC to output clock to AX88780
CS N
/C S x
/R D
O E N
/W R
W E N
CL K
HC L K
A[ 1 5 :1 ]
HA [ 1 5 :1 ]
D[ 1 5 :0 ]
HD [ 1 5 :0 ]
/ I NT x
I NT N
/R ES ET
R S T_ N
3.3V
G e n e r ic M C U
A X 8 878 0
HD [ 3 1 :1 6 ]
LI N K LED
N o te : f lo a tin g
LED d io d e
CS N
/C S x
/R D
O E N
/W R
W E N
HC L K
A [ 15: 1 ]
HA[ 1 5 : 1 ]
D [ 15: 0 ]
HD[ 1 5 : 0 ]
/ I NT x
I NT N
/ R ES ET
R S T_ N
G e ne r i c M C U
A X 8 8780
HD[ 3 1 : 1 6 ]
LI N K LED
N o te : f l o a ti n g
OS C
3. 3V
LED d i o d e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com