Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 41 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 41 Page - ASIX Electronics Corporation

Back Button AX88780_07 Datasheet HTML 37Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 38Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 39Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 40Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 41Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 42Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 43Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 44Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 45Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
AX88780
41
ASIX ELECTRONICS CORPORATION
6.1.9 Thermal Characteristics
A. Junction to ambient thermal resistance,
JA
θ
Symbol
Min
Typ
Max
Units
JA
θ
-
46.3
-
oC/W
B. Junction to case thermal resistance,
JC
θ
Symbol
Min
Typ
Max
Units
JC
θ
-
16.2
oC/W
1: Note
JA
θ
,
JC
θ defined as below
JA
θ
=
P
T
T
A
J −
,
JC
θ
=
P
T
T
C
J −
TJ: maximum junction temperature
TA: ambient or environment temperature
TC: the top center of compound surface temperature
P: input power (watts)
6.2 A.C. Timing Characteristics
6.2.1 Host Clock
Reference clock (HCLK)
Description
Min
Typ.
Max
Units
Reference frequency
40
--
100
MHz
Reference clock duty cycle
40
50
60
%
6.2.2 Reset Timing
Symbol
Description
Min
Typ.
Max
Units
Trst
Reset pulse width
1
-
-
ms
HC L K
RS T _ N
Tr s t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com