Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 52 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 52 Page - ASIX Electronics Corporation

Back Button AX88780_07 Datasheet HTML 47Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 48Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 49Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 50Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 51Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 52Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 53Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 54Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 55Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
AX88780
52
ASIX ELECTRONICS CORPORATION
Appendix A3. Synchronous and asynchronous timing selection
AX88780 can support synchronous or asynchronous access from host MCU. Below information provides some
references to select clock frequency of host MCU and AX88780.
A3-1. AX88780 is synchronous with host MCU.
The timing selection is suitable for both 32-bit and 16-bit mode.
Frequency
Access type
Valid access timing (OEN/WEN active timing)
Max 100MHz
Single or Burst
Min 5 clocks
A3-2. AX88780 is asynchronous to host MCU.
The timing selection is suitable for both 32-bit and 16-bit mode.
Frequency
Access type
Valid access timing (OEN/WEN active timing)
Max 100MHz
Single or Burst
Min 6 reference clocks (Note)
Note: The reference clock is from OSC, and it’s not the output of host MCU. For instance, if AX88780 runs in
asynchronous mode and refers a 100MHz clock from OSC, whereas MCU runs in 125Mhz environment. In
such condition, MCU must at least offer 60ns (min 6 reference clock of 100Mhz) access timing to AX88780.
The 60ns for MCU is almost reached to 8 clocks (125MHz). We recommend that it is needed to extend the
access timing of MCU to AX88780.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com