Electronic Components Datasheet Search
  English  ▼

X  

SIM200 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # SIM200
Description  Active Insulation Monitoring Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM200 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  SIM200 Datasheet HTML 1Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 2Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 3Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 4Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 5Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 6Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 7Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 8Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SIM200™
Parameter
Min Typical Max
Unit
Conditions / Comments
Noise Immunity of Measurements
Common mode voltage on the battery
terminals
20
-
-
V
PK-PK
No observable effect on isolation resistance value.
Measured with square, ramp, and sine wave test
signals from 1 kHz to 100 kHz.
Common mode noise below 1 kHz expected to
interfere with isolation resistance measurement.
Differential mode voltage on the battery
terminals (battery voltage variations)
-
100
-
V
PK-PK
No observable effect on isolation resistance value.
Tested with battery-voltage driving profile that has
multiple instantaneous voltage changes up to ±100
V and overall slow battery voltage fluctuation from
910 V to 480 V.
Communication and Connectors
Parameter
Spec
Speed
Termination
CAN Communication
2.0B
500 or 250 kbit/s
120 Ω termination resistor (optional).
Connectors
Parameter
Manufacturer Position Part Number Description
COM & power on board
Molex
6
705510040
P1: 6 pos. right angle single header, shrouded
connector (2.54 mm) through hole tin.
COM & power mating connector
Molex
6
50579406
Use appropriate crimp contacts (available for
AWG 22, 24 and 26).
Voltage sensing on board
Molex
2
705510036
J1, J3, J4: MINIFIT JR HDR 02P 94V-0 30AU
Voltage sensing mating connector
Molex
2
50579402
MINIFIT JR RCPT DR SIDETABS 2
CKT 94V-0. Crimp contacts available for AWG 22.
Voltage Measurements
Measurement range
±1627
±1168
±599
±164
±1652
±1186
±608
±167
-
V
xNx
xKx
xPx
xQx
Applies to HV rail measurements with respect to
chassis.
Offset error
-100
±50
+100
mV
Over operating temperature range.
Gain error
-2
±0.5
+2
%
Over operating temperature range.
Measurement resolution
(compact reporting)
-
1
-
V
Measurement resolution
(high-resolution reporting)
-
100
-
µV
Measurement update period
-
10
-
ms
Temperature Measurement
Absolute measurement error
-5
±0.5
+5
°C
Over operating temperature range.
Measurement resolution
-
10
-
m°C
Measurement update period
-
250
-
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com