Electronic Components Datasheet Search
  English  ▼

X  

SIM200 Datasheet(PDF) 8 Page - Sensata Technologies, Inc.

Part # SIM200
Description  Active Insulation Monitoring Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM200 Datasheet(HTML) 8 Page - Sensata Technologies, Inc.

  SIM200 Datasheet HTML 1Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 2Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 3Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 4Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 5Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 6Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 7Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 8Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SIM200™
Connector Pinout
LED Indications
Creepage and Clearance
For reference, pinout information is also
printed on the backside of the PCB:
Chassis 1
One of two independent connections to chassis
Chassis 2
One of two independent connections to chassis
VX1 (Vp)
HV supply +
VX2 (Vn)
HV supply -
DSO_1
PWM output (must be pulled-up to 5-12 V with 5 k resistor)
DSO_0
Digital output (must be pulled-up to 5-12 V with 5 k resistor)
VCC
Supply voltage
CANL
CAN low pin
CANH
CAN high pin
GND
GND
Sequence 1
Sequence 2
Sequence 3
Sequence 4
SIM200 operating
state
LED 1
LED 2
LED 1
LED 2
LED 1
LED 2
LED 1
LED 2
ON
OFF
OFF
ON
ON
OFF
OFF
ON
Normal operation
(period = 2
seconds)
ON
ON
ON
OFF
OFF
OFF
OFF
ON
SIM diagnostic
state (period = 3
seconds)
The minimum creepage/clearance distance is 3 mm (nonhomogeneous) between the HV and
LV sections of the board.
*Note - The SIM200 is not an isolated measuring device. Between HV+ and HV- and chassis
there exists a resistance equal to the input variance of the specific variant.
HV+ to HV-
Basic insulation
Isolation between CAN
bus, DSO, LV PWR and HV
Connections
5 kV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com