Electronic Components Datasheet Search
  English  ▼

X  

SIM200 Datasheet(PDF) 9 Page - Sensata Technologies, Inc.

Part # SIM200
Description  Active Insulation Monitoring Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM200 Datasheet(HTML) 9 Page - Sensata Technologies, Inc.

  SIM200 Datasheet HTML 1Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 2Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 3Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 4Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 5Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 6Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 7Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 8Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SIM200™
Regional head offices:
United States of America
Sensata Technologies
Attleboro, MA
Phone: 508-236-3800
E-mail: support@sensata.com
Netherlands
Sensata Technologies
Holland B.V.
Hengelo
Phone: +31 74 357 8000
E-mail: support@sensata.com
China
Sensata Technologies China
Co., Ltd.
Shanghai
Phone: +8621 2306 1500
E-mail:support@sensata.com
Datasheets provided by Sensata Technologies, Inc., its subsidiaries and/or affiliates (“Sensata”) are solely intended to assist third parties (“Buyers”) who are
developing systems that incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible for
using its independent analysis, valuation, and judgment in designing Buyer’s systems and products. Sensata datasheets have been created using standard laboratory
conditions and engineering practices. Sensata has not conducted any testing other than that specifically described in the published documentation for a particular
datasheet. Sensata may make corrections, enhancements, improvements, and other changes to its datasheets or components without notice.
Buyers are authorized to use Sensata datasheets with the Sensata component(s) identified in each particular datasheet. HOWEVER, NO OTHER LICENSE, EXPRESS
OR IMPLIED, BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR
INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATASHEETS ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS
WITH REGARD TO THE DATASHEETS OR USE OF THE DATASHEETS, EXPRESS, IMPLIED, OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA
DISCLAIMS ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET ENJOYMENT, QUIET
POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD TO SENSATA DATASHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com. SENSATA ASSUMES NO LIABILITY FOR APPLICATIONS
ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY RESPONSIBLE FOR COMPLIANCE WITH ALL
LEGAL, REGULATORY, AND SAFETY-RELATED REQUIREMENTS CONCERNING ITS PRODUCTS, AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS,
NOTWITHSTANDING ANY APPLICATIONS-RELATED INFORMATION OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
Rev.05/22/2025
Ordering Options
• The following ordering options are available for SIM200-<XYZ> where:
X = CAN communication Speed (A = 500 kbps, B = 250 kbps)
Y = Voltage Range (See Below Table)
Z = CAN Resistor Termination (A = 120 Ω Termination, B = No Termination)
• Note the following definitions:
Max Operational Voltage: The maximum voltage condition under which the SIM200 can monitor the system correctly – this should be the
absolute highest voltage under which SIM200 is required to correctly monitor system insulation.
Max Nominal System Voltage: The maximum permissible nominal system voltage for which a variant is suitable, given the requirements for
an Insulation Monitor in IEC 61557-8.
Application Voltage Range: The range of nominal system voltages for which a given variant is capable to reliably resolve Insulation Faults of
100 Ω/V.
• Example: SIM200 is monitoring a DC charger with output up to 1000 V under typical conditions. According to IEC 61557-8, the SIM200 must
be operational at voltages 115% of the nominal (1000 V) = 1150 V.
Variant
Max Nominal
System Voltage
Max Operational
Voltage
Minimum Total
Y-Capacitance
(uF)
Application
Voltage Range
Max Voltage
Withstand Vx1
or Vx2 to CAN
Max Voltage
Withstand Vx1
to Vx2
Max Voltage
Withstand Vx1
or Vx2 to Vch
SIM200-xNx
1363
1568
0.2
1000-1363 V
5 kV
5 kV
2.5 kV
SIM200-xKx
1000
1150
0.2
600-1000 V
5 kV
5 kV
2.5 kV
SIM200-xPx
510
582
0.9
300-510 V
5 kV
3 kV
1.5 kV
SIM200-xQx
140
161
2
60-140 V
5 kV
1 kV
0.5 kV
SIM200-xKxX
Reference SIM200-xKx specifications for hardware and performance details.
Fault threshold is configurable and therefore this part is not UL compliant. See below notes on configuration.
Configuration
SIM200 features a “Setup Mode” where the CAN 2.0B interface can be used to configure the IMD. CAN speed, CAN ID, system max voltage, and
the isolation warning threshold can all be configured from the default values if needed for the application. See CAN protocol “Setup Mode” and
“Commands” for details on modifying the “Configuration Parameters”.
Thresholds
Fault (100 Ω/V) and warning (500 Ω/V default) thresholds are calculated using the configured system max voltage. If a higher voltage than the
configured system max voltage is seen by the SIM200, the thresholds will be raised accordingly until the device is reset (via command or power
cycle).
When configuring warning threshold, ensure that any applicable safety standards are met by referring to the accuracies defined on the data-
sheet. Fault threshold is locked* to comply with UL2231 recognition requirements.
*For SIM200-xKxX, fault threshold is also configurable as described in the CAN protocol. Ensure that any applicable safety standards are met.
Note that higher amounts of instability in isolation state output can be expected at very low thresholds in addition to the lesser accuracy spec-
ified in the datasheet. SIM200 variants were validated to calculate fault thresholds within their respective application voltage ranges with 100
Ω/V fault threshold (e.g., 60 to 100 KΩ on SIM200-xKx) per UL2231. For fault resistances that are below this range, it is recommended to run
application representative validation tests to ensure proper functionality.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com