Electronic Components Datasheet Search
  English  ▼

X  

SIM200 Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # SIM200
Description  Active Insulation Monitoring Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM200 Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  SIM200 Datasheet HTML 1Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 2Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 3Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 4Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 5Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 6Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 7Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 8Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SIM200™
Resistance Measurement Accuracy – xNx and xKx Variants
Isolation excluding input impedance of IMD.
Accuracies for operation under nominal conditions, battery voltage ≥ 15 V.
Accuracy under 0 V operation ≤ 15% error for fault detection, compliant with IEC 61557-8.
Test Resistance (kΩ)
xNx and xKx Absolute Error - Asymmetrical
Absolute Error 1.2 uF
Absolute Error 2.2 uF
Absolute Error 4.2 uF
0
5
10
15
20
25
50
70
130
250
500
1000
5000
15000
10
7
7
10
10
10
15
20
5
5
5
5
5
5
0
2
4
6
8
10
12
14
16
20
140
150
1000
5000
15000
xPx Absolute Error - Asymmetrical
Absolute Error 1.2 uF
Absolute Error 4.2 uF
Absolute Error 8.2 uF
Absolute Error 14.2 uF
Test Resistance (kΩ)
5
5
7
10
5
5
5
7
7
15
15
0
2
4
6
8
10
12
14
16
20
140
150
500
1000
5000
15000
xPx Absolute Error - Symmetrical
Absolute Error 1.2 uF
Absolute Error 4.2 uF
Absolute Error 8.2 uF
Absolute Error 14.2 uF
Test Resistance Rn = Rp (kΩ)
5
5
5
5
5
5
7
5
7
7
10
15
Test Resistance Rn = Rp (kΩ)
Absolute Error 1.2 uF
Absolute Error 2.2 uF
Absolute Error 4.2 uF
xNx and xKx Absolute Error - Symmetrical
0
5
10
15
20
25
50
70
130
250
500
1000
5000
15000
20
15
7
5
5
5
5
15
5
10
20
Non test side resistance leakage = 15 MΩ
± 10 kΩ for resistances < 50 kΩ
± 15 kΩ for resistances < 50 kΩ
Non test side resistance leakage = 15 MΩ
± 3 kΩ for resistances <20 kΩ
± 3 kΩ for resistances <20 kΩ
Resistance Measurement Accuracy - xPx
Isolation excluding input impedance of IMD.
Accuracies for operation under nominal conditions, battery voltage ≥ 15 V.
Accuracy under 0 V operation ≤ 15% error for fault detection, compliant with IEC 61557-8.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com