Electronic Components Datasheet Search
  English  ▼

X  

SIM200 Datasheet(PDF) 5 Page - Sensata Technologies, Inc.

Part # SIM200
Description  Active Insulation Monitoring Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM200 Datasheet(HTML) 5 Page - Sensata Technologies, Inc.

  SIM200 Datasheet HTML 1Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 2Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 3Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 4Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 5Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 6Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 7Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 8Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SIM200™
Non test side resistance leakage = 15 MΩ
± 1.5 kΩ for resistances <15 kΩ
± 1.5 kΩ for resistances <15 kΩ
Resistance Measurement Accuracy - xQx
Isolation excluding input impedance of IMD.
Accuracies for operation under nominal conditions, battery voltage ≥ 15 V.
Accuracy under 0 V operation ≤ 15% error for fault detection, compliant with IEC 61557-8.
CAN Interface
SIM200 module utilizes a simple CAN “polling” interface in which the system controller requests desired information according to a library of
“Operation Codes” or “Op Codes”.
The CAN interface can be utilized by the system to obtain detailed system status information, as well as detailed diagnostic information.
Description
Op_Code
Get isolation state
0xE0
Get isolation resistances
0xE1
Get system Y-capacitances
0xE2
Get HV rail measurements
0xE3
Get battery voltage
0xE4
Get error flags
0xE5
Get dynamic electrical isolation
0xE6
Get dynamic capacitive energy
0xE7
Example Op Codes
SIM200 Reported Uncertainties
Along with the isolation resistance and system Y-capacitance estimate, the SIM200 reports an “uncertainty” value. The uncertainty measure
provided should be understood as a measure of the suitability of the model (or lack of suitability), rather than as a measure of accuracy.
In application, it is suggested that this uncertainty may be used in the following ways:
Estimates with high levels of uncertainty should be ignored. A recommended threshold is ≤ 10% uncertainty for the estimate of interest. This is
already handled on the SIM200 by the “High Uncertainty” status bit, which is set to 1 when one or more isolation estimate uncertainty is above
10% (see CAN protocol for detail).
For most applications monitoring the resistive leakage path, no direct monitoring of the uncertainties is needed – only applicable monitoring of
the status byte.
For applications that require more certainty in the isolation estimate, an uncertainty threshold of less than 10% can be used.
For sudden changes in the isolation parameters the IMD is monitoring, the uncertainty on the isolation parameters will spike until the change
has settled and the IMD can resolve the parameters. A spike in the uncertainties (in a properly installed SIM200) indicates a sudden change in
the isolation parameters or measurement circuit.
0
1
2
3
4
5
6
15
40
1000
5000
15000
xQx Absolute Error - Asymmetrical
Absolute Error 1.2 uF
Absolute Error 6.2 uF
Absolute Error 14.2 uF
Test Resistance (kΩ)
5
3
3
3
5
3
0
1
2
3
4
5
6
15
40
1000
5000
15000
xQx Absolute Error - Symmetrical
Absolute Error 1.2 uF
Absolute Error 6.2 uF
Absolute Error 14.2 uF
Test Resistance Rn = Rp (kΩ)
5
3
3
3
3
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com