Electronic Components Datasheet Search
  English  ▼

X  

SIM200 Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # SIM200
Description  Active Insulation Monitoring Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM200 Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

  SIM200 Datasheet HTML 1Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 2Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 3Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 4Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 5Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 6Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 7Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 8Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SIM200™
Mounting Pattern and Connectors
Handling and Installation Instructions
Dimensions in mm
Mounting Specifications
• Electrical connections made with three 2-pin Molex connectors and one 6-pin Molex
connector.
• Electrical harness connections validated up to 10 disconnect-reconnect cycles.
• Mounting through hole diameter: 4.19 ± 0.05 mm.
• All mechanical validation with SIM200 was completed using 18-8 Stainless Steel Screws
with 8-32 thread size.
• Mounting torque shall not exceed 35 N cm.
• Nylon washers may be used between screws and PCB for improved isolation between
application chassis and board but are not required for device function.
• For applications with vibration requirements, thread lock solution may be used on screws to
prevent screws backing out over device life.
Installation Considerations
• SIM200 devices are designed to operate in high voltage applications that may present a
shock hazard to users.
• High voltage applications shall be unpowered before accessing SIM200 devices.
• Access to SIM200 devices shall be restricted to trained operators only.
• SIM200 devices are ESD (electrostatic discharge) vulnerable devices. Operators shall wear
ESD bracelets when interfacing with SIM200 devices.
• SIM200 devices contain exposed surface mounted components.
• An operator’s hands and tools shall avoid interfacing with surface mounted components
and only touch safe handling areas (see diagram) on edges of SIM200 PCBs.
• SIM200 devices include intentional isolation cutouts (see diagram) to meet creepage and
clearance requirements.
• Materials with dielectric strength less than air (3 MV/m) shall not pass through isolation
cutouts.
Connector
ID
Manufacturer
Part
Number
Mating
Connector
PN
Mating
Connector
W/TPA PN
P1
Molex
705510040
50579406
50579706
J1, J3, J4
Molex
705510036
50579402
50579702



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com