Electronic Components Datasheet Search
  English  ▼

X  

SIM200 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # SIM200
Description  Active Insulation Monitoring Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM200 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  SIM200 Datasheet HTML 1Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 2Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 3Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 4Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 5Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 6Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 7Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 8Page - Sensata Technologies, Inc. SIM200 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
sensata.com
Electrification
Insulation Monitoring Device
Benefits
• UL 2231-2 recognized
• Tested to IEC 61557-8 requirements
• Suitable for any application from 60 V - 1500 V
• Patented signal injection algorithm for
continuous, “Always On” system monitoring
Features
Applications
SIM200™
The SIM200 Insulation Monitoring Device (IMD) is designed for continuous active monitoring of unearthed (Isolated Terra)
DC systems including charging stations, electric vehicles, and any other system with a nominal operation above 60 VDC.
The SIM200 is UL2231 recognized to ensure safety at the highest standards and responds to electric hazards quickly and
reliably with a patented signal injection algorithm and processing for continuous “Always On” monitoring of insulation.
Additionally, this IMD provides robust self-diagnosis of its monitoring functions, modular CAN 2.0B interface for detailed
system information, warning alarm with configurable level, fault alarm at 100 Ω/V and configurable CAN ID for flexibility.
Safety
• Continuous, “Always On” system monitoring of insulation
• Dedicated fault state output via PWM
• Stored capacitive energy monitoring
• Digital out to indicate internal IMD error
Usability
• Warning alarm with configurable level
• Fault alarm at 100 Ω/V (Configurable fault threshold available; See
Ordering Options)
• Configurable CAN ID
Performance
• Modular CAN 2.0B interface
• Robust self-diagnosis of monitoring functions
Active Insulation Monitoring Device
Charging Station
Truck
Bus


Similar Part No. - SIM200

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SIM200D06AV1 SEMIWELL-SIM200D06AV1 Datasheet
199Kb / 4P
?쏦ALF-BRIDGE??IGBT
SIM200D06AV2 SEMIWELL-SIM200D06AV2 Datasheet
182Kb / 4P
?쏦ALF-BRIDGE??IGBT
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
HALF-BRIDGE IGBT MODULE
More results

Similar Description - SIM200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
Telephone Line Interface with Active Line Monitoring
logo
Bourns Electronic Solut...
2FAK-C15R BOURNS-2FAK-C15R Datasheet
226Kb / 4P
Integrated Passive & Active Device using CSP
2FAF-C10R BOURNS-2FAF-C10R Datasheet
234Kb / 4P
Integrated Passive & Active Device
2DAB-F6R BOURNS-2DAB-F6R Datasheet
235Kb / 4P
Integrated Passive & Active Device
2DAA-F6R BOURNS-2DAA-F6R Datasheet
235Kb / 4P
Integrated Passive & Active Device
logo
List of Unclassifed Man...
DWB02CM2310A ETC2-DWB02CM2310A Datasheet
189Kb / 6P
Monitoring Relays 3-Phase Active power
logo
Advantech Co., Ltd.
WISE-PAAS ADVANTECH-WISE-PAAS Datasheet
703Kb / 3P
IoT Device Remote Monitoring and Management Platform
logo
PHOENIX CONTACT
2903246 PHOENIX-2903246 Datasheet
67Kb / 4P
Voltage monitoring device - EM-EV-CLR-12V
logo
Omron Electronics LLC
K6CM-CI OMRON-K6CM-CI Datasheet
1Mb / 40P
Motor Condition Monitoring Device
2020.10
logo
Analog Devices
LT8673 AD-LT8673 Datasheet
243Kb / 2P
Active Rectifier Controller with Voltage Monitoring
Rev Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com